Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7733 Datasheet(PDF) 404 Page - Renesas Technology Corp

Part # 7733
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  940 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7733 Datasheet(HTML) 404 Page - Renesas Technology Corp

Back Button 7733 Datasheet HTML 400Page - Renesas Technology Corp 7733 Datasheet HTML 401Page - Renesas Technology Corp 7733 Datasheet HTML 402Page - Renesas Technology Corp 7733 Datasheet HTML 403Page - Renesas Technology Corp 7733 Datasheet HTML 404Page - Renesas Technology Corp 7733 Datasheet HTML 405Page - Renesas Technology Corp 7733 Datasheet HTML 406Page - Renesas Technology Corp 7733 Datasheet HTML 407Page - Renesas Technology Corp 7733 Datasheet HTML 408Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 404 / 940 page
background image
STANDARD CHARACTERISTICS
16.1 Standard characteristics
7733 Group User’s Manual
16–3
16.1.2 Programmable I/O port (CMOS output) standard characteristics:
P44 to P47 and P50 to P53
(1) P-channel IOH–VOH characteristics
(2) N-channel IOL–VOL characteristics
Power source voltage VCC = 5 V
VOH [ V ]
P channel
Power source voltage VCC = 5 V
VOL [ V ]
N channel
50.0
40.0
30.0
10.0
20.0
0
1.0
2.0
3.0
4.0
5.0
Ta = 25
°C
Ta = 85
°C
50.0
40.0
30.0
20.0
10.0
0
1.0
2.0
3.0
4.0
5.0
Ta = 25
°C
Ta = 85
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com