Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7733 Datasheet(PDF) 405 Page - Renesas Technology Corp

Part # 7733
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  940 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7733 Datasheet(HTML) 405 Page - Renesas Technology Corp

Back Button 7733 Datasheet HTML 401Page - Renesas Technology Corp 7733 Datasheet HTML 402Page - Renesas Technology Corp 7733 Datasheet HTML 403Page - Renesas Technology Corp 7733 Datasheet HTML 404Page - Renesas Technology Corp 7733 Datasheet HTML 405Page - Renesas Technology Corp 7733 Datasheet HTML 406Page - Renesas Technology Corp 7733 Datasheet HTML 407Page - Renesas Technology Corp 7733 Datasheet HTML 408Page - Renesas Technology Corp 7733 Datasheet HTML 409Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 405 / 940 page
background image
STANDARD CHARACTERISTICS
16.1 Standard characteristics
7733 Group User’s Manual
16–4
16.1.3 Icc–f(XIN) standard characteristics
(1) Icc–f(XIN) characteristics on operating and at reset
(2) Icc–f(XIN) characteristics in wait mode
Measurement condition
Vcc = 5V,Ta = 25
°C, f(XIN): square waveform input, single-chip mode
Register setting condition
Oscillation circuit control register 0 = “2016” (In the wait mode, clocks f2 to f512 are stopped.)
Oscillation circuit control register 1 = “0216” (Main clock is input from the external.) or
“0016” (Main-clock oscillation circuit is operating by itself)
Measurement condition
Vcc = 5V,Ta = 25
°C, f(XIN): square waveform input, single-chip mode
Register setting condition
Oscillation circuit control register 1 = “0216” (Main clock is input from the external.)
0
2
4
6
8
10
12
14
0
4
8
12
1620
2428
f(XIN) [MHz]
On operating
(CPU)
CC1 = 0
0
0.5
1
1.5
2
2.5
3
0
4
8
12
1620
2428
f(XIN) [MHz]
CC1 = 1
•
•
CC1: Main clock external input selection bit (b1 of the oscillation circuit control register 1)
•
•
On operating
(CPU + peripheral devices)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com