Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7733 Datasheet(PDF) 406 Page - Renesas Technology Corp

Part # 7733
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  940 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7733 Datasheet(HTML) 406 Page - Renesas Technology Corp

Back Button 7733 Datasheet HTML 402Page - Renesas Technology Corp 7733 Datasheet HTML 403Page - Renesas Technology Corp 7733 Datasheet HTML 404Page - Renesas Technology Corp 7733 Datasheet HTML 405Page - Renesas Technology Corp 7733 Datasheet HTML 406Page - Renesas Technology Corp 7733 Datasheet HTML 407Page - Renesas Technology Corp 7733 Datasheet HTML 408Page - Renesas Technology Corp 7733 Datasheet HTML 409Page - Renesas Technology Corp 7733 Datasheet HTML 410Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 406 / 940 page
background image
STANDARD CHARACTERISTICS
16.1 Standard characteristics
7733 Group User’s Manual
16–5
16.1.4 A-D converter standard characteristics
The lower lines of the graph indicate the absolute precision errors. These are expressed as the deviation
from the ideal value when the output code changes. For example, the change in output code from “0E16”
to “0F16” should occur at 72.5 mV, but the measured value is 0.6 mV. Accordingly, the measured point of
change is 72.5 + 0.6 = 73.1 mV.
The upper lines of the graph indicate the input voltage width for which the output code is constant. For
example, the measured input voltage width for which the output code is “0F16” is 4.7 mV. Accordingly, the
differential non-linear error is 4.7 – 5.0 = –0.3 mV (–0.06LSB).
[Measurement condition]
• VCC = AVCC = 5 V, • VREF = 5.12 V, • f(XIN) = 25 MHz, • Ta = 25 °C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com