Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7733 Datasheet(PDF) 409 Page - Renesas Technology Corp

Part # 7733
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  940 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7733 Datasheet(HTML) 409 Page - Renesas Technology Corp

Back Button 7733 Datasheet HTML 405Page - Renesas Technology Corp 7733 Datasheet HTML 406Page - Renesas Technology Corp 7733 Datasheet HTML 407Page - Renesas Technology Corp 7733 Datasheet HTML 408Page - Renesas Technology Corp 7733 Datasheet HTML 409Page - Renesas Technology Corp 7733 Datasheet HTML 410Page - Renesas Technology Corp 7733 Datasheet HTML 411Page - Renesas Technology Corp 7733 Datasheet HTML 412Page - Renesas Technology Corp 7733 Datasheet HTML 413Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 409 / 940 page
background image
APPLICATIONS
7733 Group User’s Manual
17–2
Some application examples are described below.
Applications shown here are just examples. Modify the desired application to suit the user’s need and make
sufficient evaluation before actually using it.
17.1 Memory expansion
Memory • I/O expansion examples are described below.
• For functions and operations of pins used in memory • I/O expansion, refer to chapter “12. CONNECTING
EXTERNAL DEVICES.”
• For timing characteristics, refer to chapter “15. ELECTRICAL CHARACTERISTICS.”
• For timing characteristics and applications of the low voltage version, refer to chapter “18. LOW VOLTAGE
VERSION.”
17.1.1 Memory expansion model
Memory expansion to the external is enabled in the memory expansion or microprocessor mode. In the
7733 Group, the desired memory expansion model can be selected from four models listed in Table 17.1.1.
This selection depends on the level of the external data bus width selection signal (BYTE).
(1) Minimum model
The external data bus is 8 bits wide and the accessible area can be expanded up to 64 Kbytes.
No external address latch is necessary, so this model gives priority to cost and is most suitable when
connecting a memory of which data bus is 8 bits wide.
(2) Medium model A
The external data bus is 8 bits wide and the accessible area can be expanded up to 16 Mbytes.
The high-order 8 bits of the external address bus (A23 to A16) are multiplexed with the external data
bus. Therefore, one n-bit (n
≤ 8) address latch is necessary in order to latch n bits of address in A23
to A16.
(3) Medium model B
The external data bus is 16 bits wide and the accessible area can be expanded up to 64 Kbytes.
This model gives priority to speed. The middle-order 8 bits of the external address bus (A15 to A8) are
multiplexed with the external data bus. Therefore, one 8-bit address latch is necessary in order to latch
A15 to A8.
(4) Maximum model
The external data bus is 16 bits wide and the accessible area can be expanded up to 16 Mbytes.
The high- and middle- order 16 bits of the external address bus (A23 to A8) are multiplexed with the
external data bus. Therefore, both of the following latches are necessary:
• One 8-bit address latch used for latching A15 to A8
• One n-bit (n
≤ 8) address latch used for latching n bits of address in A23 to A16
17.1 Memory expansion



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com