Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7733 Datasheet(PDF) 474 Page - Renesas Technology Corp

Part # 7733
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  940 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7733 Datasheet(HTML) 474 Page - Renesas Technology Corp

Back Button 7733 Datasheet HTML 470Page - Renesas Technology Corp 7733 Datasheet HTML 471Page - Renesas Technology Corp 7733 Datasheet HTML 472Page - Renesas Technology Corp 7733 Datasheet HTML 473Page - Renesas Technology Corp 7733 Datasheet HTML 474Page - Renesas Technology Corp 7733 Datasheet HTML 475Page - Renesas Technology Corp 7733 Datasheet HTML 476Page - Renesas Technology Corp 7733 Datasheet HTML 477Page - Renesas Technology Corp 7733 Datasheet HTML 478Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 474 / 940 page
background image
LOW VOLTAGE VERSION
7733 Group User’s Manual
18–8
18.4 Electrical characteristics
18.4.2 Recommended operating conditions
Recommended operating conditions (Vcc = 2.7 to 5.5 V, Ta = –40 to 85
°C, unless otherwise noted)
V
V
V
V
V
V
V
V
V
V
mA
mA
mA
mA
mA
mA
MHz
kHz
Power source voltage
Analog power source voltage
Power source voltage
Analog power source voltage
High-level input voltage
High-level input voltage
High-level input voltage
Low-level input voltage
Low-level input voltage
Low-level input voltage
High-level peak output current
High-level average output current
Low-level peak output current
Low-level peak output current
Low-level average output current
Low-level average output current
Main-clock oscillation frequency (Note 4)
Sub-clock oscillation frequency
f(XIN) :Operating
f(XIN) :Stopped, f(XCIN) = 32.768 kHz
P00–P07, P30–P33, P40–P47,
P50–P57, P60–P67, P70–P77,
P80–P87, XIN, RESET, CNVss,
BYTE, XCIN (Note 3)
P10–P17, P20–P27
(in single-chip mode)
P10–P17, P20–P27
(in memory expansion mode and
microprocessor mode)
P00–P07, P30–P33, P40–P47,
P50–P57, P60–P67, P70–P77,
P80–P87, XIN, RESET, CNVss,
BYTE, XCIN (Note 3)
P10–P17, P20–P27
(in single-chip mode)
P10–P17, P20–P27
(in memory expansion mode and
microprocessor mode)
P00–P07, P10–P17, P20–P27,
P30–P33, P40–P47, P50–P57,
P60–P67, P70–P77, P80–P87
P00–P07, P10–P17, P20–P27,
P30–P33, P40–P47, P50–P57,
P60–P67, P70–P77, P80–P87
P00–P07, P10–P17, P20–P27,
P30–P33, P40–P43, P54–P57,
P60–P67, P70–P77, P80–P87
P44–P47, P50–P53
P00–P07, P10–P17, P20–P27,
P30–P33, P40–P43, P54–P57,
P60–P67, P70–P77, P80–P87
P44–P47, P50–P53
Vcc
AVcc
Vss
AVss
VIH
VIH
VIH
VIL
VIL
VIL
IOH (peak)
IOH (avg)
IOL (peak)
IOL (peak)
IOL (avg)
IOL (avg)
f(XIN)
f(XCIN)
Parameter
Symbol
Limits
Min.
Max.
5.5
5.5
2.7
2.7
Vcc
0
0
32.768
Typ.
Unit
0.8 Vcc
0.8 Vcc
Vcc
Vcc
Vcc
0.2 Vcc
0.2 Vcc
0.16 Vcc
–10
–5
10
16
5
12
12
50
0.5 Vcc
0
0
0
Notes 1: Average output current is the average value of an interval of 100 ms.
2: The sum of IOL(peak) for ports P0, P1, P2, P3, and P8 must be 80 mA or less,
the sum of IOH(peak) for ports P0, P1, P2, P3, and P8 must be 80 mA or less,
the sum of IOL(peak) for ports P4, P5, P6, and P7 must be 100 mA or less, and
the sum of IOH(peak) for ports P4, P5, P6, and P7 must be 80 mA or less.
3: Limits VIH and VIL for XCIN are applied when the sub clock external input selection bit = “1.”
4: The maximum value of f(XIN) = 6 MHz when the main clock division selection bit = “1.”



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com