Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7733 Datasheet(PDF) 477 Page - Renesas Technology Corp

Part # 7733
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  940 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7733 Datasheet(HTML) 477 Page - Renesas Technology Corp

Back Button 7733 Datasheet HTML 473Page - Renesas Technology Corp 7733 Datasheet HTML 474Page - Renesas Technology Corp 7733 Datasheet HTML 475Page - Renesas Technology Corp 7733 Datasheet HTML 476Page - Renesas Technology Corp 7733 Datasheet HTML 477Page - Renesas Technology Corp 7733 Datasheet HTML 478Page - Renesas Technology Corp 7733 Datasheet HTML 479Page - Renesas Technology Corp 7733 Datasheet HTML 480Page - Renesas Technology Corp 7733 Datasheet HTML 481Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 477 / 940 page
background image
LOW VOLTAGE VERSION
7733 Group User’s Manual
18–11
18.4 Electrical characteristics
Limits
ns
ns
ns
ns
ns
ns
666
333
333
Limits
Limits
18.4.5 Internal peripheral devices
Timing requirements (Vcc = 2.7 to 5.5 V, Vss = 0 V, Ta = –40 to 85
°C, f(XIN) = 12 MHz (Note 1), unless
otherwise noted)
g The rise/fall time of an input signal must be 100 ns or less, unless otherwise noted.
tc(TA)
tw(TAH)
tw(TAL)
TAiIN input cycle time
TAiIN input high-level pulse width
TAiIN input low-level pulse width
Min.
250
125
125
Max.
ns
ns
ns
Unit
Symbol
Parameter
tc(TA)
tw(TAH)
tw(TAL)
TAiIN input cycle time (Note 3)
TAiIN input high-level pulse width (Note 3)
TAiIN input low-level pulse width (Note 3)
Min.
Max.
Unit
Symbol
Parameter
Timer A input (Gating input in timer mode)
Parameter
Limits
Timer A input (External trigger input in one-shot pulse mode)
TAiIN input cycle time
TAiIN input high-level pulse width
TAiIN input low-level pulse width
Max.
Unit
Symbol
Min.
666
166
166
tc(TA)
tw(TAH)
tw(TAL)
Limits
TAiIN input high-level pulse width
TAiIN input low-level pulse width
ns
ns
Min.
166
166
Max.
tw(TAH)
tw(TAL)
Unit
Parameter
Symbol
tc(UP)
tw(UPH)
tw(UPL)
tsu(UP–TIN)
th(TIN–UP)
TAiOUT input cycle time
TAiOUT input high-level pulse width
TAiOUT input low-level pulse width
TAiOUT input setup time
TAiOUT input hold time
ns
ns
ns
ns
ns
Min.
Max.
Unit
Symbol
Parameter
Timer A input (Up-down input in event counter mode)
Timer A input (External trigger input in pulse width modulation mode)
3333
1666
1666
666
666
Timer A input (Count input in event counter mode)
Data formula (Min.)
Data formula (Min.)
8 ! 109
2!
f(f2)
4 ! 109
2!
f(f2)
4 ! 109
2!
f(f2)
(Note 2)
(Note 2)
(Note 2)
8 ! 109
2!
f(f2)
(Note 2)
Notes 1: This is applied when the main clock division selection bit = “0” and f(f2) = 6 MHz.
2: f(f2) represents the clock f2 frequency.
For the relationship with the main clock and sub clock, refer to Table 14.3.1.
3: The TAiIN input cycle time must be 4 cycles of a count source or more.
The TAiIN input high-level pulse width and low-level pulse width must be 2 cycles of a count source
or more, respectively.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com