Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7733 Datasheet(PDF) 475 Page - Renesas Technology Corp

Part # 7733
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  940 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7733 Datasheet(HTML) 475 Page - Renesas Technology Corp

Back Button 7733 Datasheet HTML 471Page - Renesas Technology Corp 7733 Datasheet HTML 472Page - Renesas Technology Corp 7733 Datasheet HTML 473Page - Renesas Technology Corp 7733 Datasheet HTML 474Page - Renesas Technology Corp 7733 Datasheet HTML 475Page - Renesas Technology Corp 7733 Datasheet HTML 476Page - Renesas Technology Corp 7733 Datasheet HTML 477Page - Renesas Technology Corp 7733 Datasheet HTML 478Page - Renesas Technology Corp 7733 Datasheet HTML 479Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 475 / 940 page
background image
LOW VOLTAGE VERSION
7733 Group User’s Manual
18–9
18.4 Electrical characteristics
18.4.3 Electrical characteristics
Electrical characteristics (Vcc = 5 V, Vss = 0 V, Ta = –40 to 85
°C, f(XIN) = 12 MHz, unless otherwise noted)
High-level output voltage
High-level output voltage
High-level output voltage
High-level output voltage
Low-level output voltage
Low-level output voltage
Low-level output voltage
Low-level output voltage
Low-level output voltage
Hysteresis
Hysteresis RESET
Hysteresis XIN
Hysteresis XCIN (When external clock is input)
High-level input current
Low-level input current
Low-level input current
RAM hold voltage
Symbol
Parameter
Test conditions
Min.
Max.
V
V
V
V
V
V
V
V
V
V
V
V
V
µA
µA
µA
mA
V
Limits
Unit
Typ.
Vcc = 5 V, IOH = –10 mA
Vcc = 3 V, IOH = –1 mA
Vcc = 5 V, IOH = –400
µA
Vcc = 5 V, IOH = –10 mA
Vcc = 5 V, IOH = –400
µA
Vcc = 3 V, IOH = –1 mA
Vcc = 5 V, IOH = –10 mA
Vcc = 5 V, IOH = –400
µA
Vcc = 3 V, IOH = –1 mA
Vcc = 5 V, IOL = 10 mA
Vcc = 3 V, IOL = 1 mA
Vcc = 5 V, IOL = 16 mA
Vcc = 3 V, IOL = 10 mA
Vcc = 5 V, IOL = 2 mA
Vcc = 5 V, IOL = 10 mA
Vcc = 5 V, IOL = 2 mA
Vcc = 3 V, IOL = 1 mA
Vcc = 5 V, IOL = 10 mA
Vcc = 5 V, IOL = 2 mA
Vcc = 3 V, IOL = 1 mA
Vcc = 5 V
Vcc = 3 V
Vcc = 5 V
Vcc = 3 V
Vcc = 5 V
Vcc = 3 V
Vcc = 5 V
Vcc = 3 V
Vcc = 5 V, VI = 5 V
Vcc = 3 V, VI = 3 V
Vcc = 5 V, VI = 0 V
Vcc = 3 V, VI = 0 V
VI = 0 V,
without a pull-up transistor
VI = 0 V,
with a pull-up transistor
When clock is stopped
2
0.5
1.8
1.5
0.45
1.9
0.43
0.4
1.6
0.4
0.4
1
0.7
0.5
0.4
0.4
0.26
0.4
0.26
5
4
–5
–4
–5
–4
–1.0
–0.35
P00–P07, P10–P17, P20–P27,
P33, P40–P47, P50–P57,
P60–P67, P70–P77, P80–P87
P00–P07, P10–P17, P20–P27,
P33
P30–P32
_
E
P00–P07, P10–P17, P20–P27,
P33, P40–P43, P54–P57,
P60–P67, P70–P75, P80–P87
P44–P47, P50–P53
P00–P07, P10–P17, P20–P27,
P33
P30–P32
E
P00–P07, P10–P17, P20–P27,
P30–P33, P40–P47, P50–P57,
P60–P67, P70–P77, P80–P87,
XIN, RESET, CNVss, BYTE
P00–P07, P10–P17, P20–P27,
P30–P33, P40–P47, P50–P53,
P60, P61, P65– P67, P70–P77,
P80–P87, XIN, RESET, CNVss,
BYTE
P54–P57, P62–P64
HOLD
, RDY, TA0IN–TA4IN, TB0IN–TB2IN,
INT0
–INT2, ADTRG, CTS0, CTS1, CTS2, CLK0,
CLK1, CLK2, KI0–KI3
VOH
VOH
VOH
VOH
VOL
VOL
VOL
VOL
VOL
VT+–VT–
VT+–VT–
VT+–VT–
VT+–VT–
IIH
IIL
IIL
VRAM
Vcc = 5 V
Vcc = 3 V
Vcc = 5 V
Vcc = 3 V
–0.5
–0.18
3
2.5
4.7
3.1
4.8
2.6
3.4
4.8
2.6
0.4
0.1
0.2
0.1
0.1
0.06
0.1
0.06
–0.25
–0.08
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com