Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7733 Datasheet(PDF) 481 Page - Renesas Technology Corp

Part # 7733
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  940 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7733 Datasheet(HTML) 481 Page - Renesas Technology Corp

Back Button 7733 Datasheet HTML 477Page - Renesas Technology Corp 7733 Datasheet HTML 478Page - Renesas Technology Corp 7733 Datasheet HTML 479Page - Renesas Technology Corp 7733 Datasheet HTML 480Page - Renesas Technology Corp 7733 Datasheet HTML 481Page - Renesas Technology Corp 7733 Datasheet HTML 482Page - Renesas Technology Corp 7733 Datasheet HTML 483Page - Renesas Technology Corp 7733 Datasheet HTML 484Page - Renesas Technology Corp 7733 Datasheet HTML 485Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 481 / 940 page
background image
LOW VOLTAGE VERSION
7733 Group User’s Manual
18–15
18.4 Electrical characteristics
ns
ns
ns
Min.
250
250
250
External interrupt INTi input, Key input interrupt KIi input
INTi
input high-level pulse width
INTi
input low-level pulse width
KIi
input low-level pulse width
tw(INH)
tw(INL)
tw(KIL)
Max.
Limits
Unit
Symbol
Parameter
Measuring conditions
•VCC = 2.7 to 5.5 V
•Input timing voltage
•Output timing voltage
: VIL = 0.2 VCC, VIH = 0.8 VCC
: VOL = 0.8 V, VOH = 2.0 V
TBiIN input
tc(TB)
tw(TBH)
tw(TBL)
tc(AD)
tw(ADL)
ADTRG input
tw(INL)
tw(INH)
INTi input
tc(CK)
tw(CKH)
tw(CKL)
th(C–Q)
tsu(D–C)
CLKi input
TxDi output
RxDi input
td(C–Q)
th(C–D)
tw(KIL)
KIi input
Internal peripheral devices



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com