Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7733 Datasheet(PDF) 485 Page - Renesas Technology Corp

Part # 7733
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  940 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7733 Datasheet(HTML) 485 Page - Renesas Technology Corp

Back Button 7733 Datasheet HTML 481Page - Renesas Technology Corp 7733 Datasheet HTML 482Page - Renesas Technology Corp 7733 Datasheet HTML 483Page - Renesas Technology Corp 7733 Datasheet HTML 484Page - Renesas Technology Corp 7733 Datasheet HTML 485Page - Renesas Technology Corp 7733 Datasheet HTML 486Page - Renesas Technology Corp 7733 Datasheet HTML 487Page - Renesas Technology Corp 7733 Datasheet HTML 488Page - Renesas Technology Corp 7733 Datasheet HTML 489Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 485 / 940 page
background image
LOW VOLTAGE VERSION
7733 Group User’s Manual
18–19
td(E–P0Q)
tsu(P0D–E)
th(E–P0D)
td(E–P1Q)
tsu(P1D–E)
th(E–P1D)
td(E–P2Q)
tsu(P2D–E)
th(E–P2D)
td(E–P3Q)
tsu(P3D–E)
th(E–P3D)
tW(H)
tc
tr
tf
E
Port P0 output
Port P0 input
Port P1 output
Port P1 input
Port P2 output
Port P2 input
Port P3 output
Port P3 input
XIN
td(E–P4Q)
tsu(P4D–E)
th(E–P4D)
td(E–P5Q)
tsu(P5D–E)
th(E–P5D)
td(E–P6Q)
tsu(P6D–E)
th(E–P6D)
td(E–P7Q)
tsu(P7D–E)
th(E–P7D)
td(E–P8Q)
tsu(P8D–E)
th(E–P8D)
Port P4 output
Port P4 input
Port P5 output
Port P5 input
Port P6 output
Port P6 input
Port P7 output
Port P7 input
Port P8 output
Port P8 input
tW(L)
Single-chip mode
Measuring conditions
•VCC = 2.7 to 5.5 V
•Input timing voltage
•Output timing voltage
: VIL = 0.2 VCC, VIH = 0.8 VCC
:
VOL = 0.8 V, VOH = 2.0 V
18.4 Electrical characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com