Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7733 Datasheet(PDF) 486 Page - Renesas Technology Corp

Part # 7733
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  940 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7733 Datasheet(HTML) 486 Page - Renesas Technology Corp

Back Button 7733 Datasheet HTML 482Page - Renesas Technology Corp 7733 Datasheet HTML 483Page - Renesas Technology Corp 7733 Datasheet HTML 484Page - Renesas Technology Corp 7733 Datasheet HTML 485Page - Renesas Technology Corp 7733 Datasheet HTML 486Page - Renesas Technology Corp 7733 Datasheet HTML 487Page - Renesas Technology Corp 7733 Datasheet HTML 488Page - Renesas Technology Corp 7733 Datasheet HTML 489Page - Renesas Technology Corp 7733 Datasheet HTML 490Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 486 / 940 page
background image
LOW VOLTAGE VERSION
7733 Group User’s Manual
18–20
Parameter
Address output delay time
Address output delay time
Address hold time
ALE pulse width
Address output setup time
Address hold time
ALE output delay time
Data output delay time
Data hold time
E
pulse width
Floating start delay time
Floating release delay time
BHE
output delay time
R/W output delay time
BHE
hold time
R/W hold time
φ 1 output delay time
1 ! 109
2! f(f2)
1 ! 109
2! f(f2)
1 ! 109
2! f(f2)
1 ! 109
2! f(f2)
1 ! 109
2! f(f2)
18.4.8 Memory expansion mode and Microprocessor mode : with no wait
Timing requirements (Vcc = 2.7 to 5.5 V, Vss = 0 V, Ta = –40 to 85
°C, f(XIN) = 12 MHz (Note 1), unless
otherwise noted)
g The rise/fall time of an input signal must be 100 ns or less, unless otherwise noted.
Switching characteristics (Vcc = 2.7 to 5.5 V, Vss = 0 V, Ta = –40 to 85
°C, f(XIN) = 12 MHz (Note 1),
unless otherwise noted)
Unit
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
Limits
Typ.
Data formula (Min.)
1 ! 109
2! f(f2)
1 ! 109
2! f(f2)
1 ! 109
2! f(f2)
1 ! 109
2! f(f2)
1 ! 109
2! f(f2)
– 63
– 63
– 43
– 43
– 73
Symbol
td(An–E)
td(A–E)
th(E–An)
tw(ALE)
tsu(A–ALE)
th(ALE–A)
td(ALE–E)
td(E–DQ)
th(E–DQ)
tw(EL)
tpxz(E–DZ)
tpzx(E–DZ)
td(BHE–E)
td(R/W–E)
th(E–BHE)
th(E–R/W)
td(E–
φ 1)
– 43
– 35
– 30
– 63
– 63
– 50
– 50
Conditions
Fig. 18.4.1
Notes 1: This is applied when the main clock division selection bit = “0” and f(f2) = 6 MHz.
2: f(f2) represents the clock f2 frequency.
For the relationship with the main clock and sub clock, refer to Table 14.3.1.
1 ! 109
2! f(f2)
2 ! 109
2! f(f2)
90
10
30
tc
tw(H)
tw(L)
tr
tf
tsu(D–E)
th(E–D)
Min.
ns
ns
ns
ns
ns
ns
ns
Limits
Unit
External clock input cycle time (Note 2)
External clock input high-level pulse width (Note 3)
External clock input low-level pulse width (Note 3)
External clock rise time
External clock fall time
Data input setup time
Data input hold time
83
33
33
80
0
Parameter
Max.
15
15
Symbol
Notes 1: This is applied when the main clock division selection bit = “0” and f(f2) = 6 MHz.
2: When the main clock division selection bit = “1,” the minimum value of tc = 166 ns.
3: When the main clock division selection bit = “1,” values of tw(H)/tc and tw(L)/tc must be set to values
from 0.45 through 0.55.
Min.
20
20
40
40
10
9
4
40
131
53
20
20
33
33
0
18.4 Electrical characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com