Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7733 Datasheet(PDF) 482 Page - Renesas Technology Corp

Part # 7733
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  940 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7733 Datasheet(HTML) 482 Page - Renesas Technology Corp

Back Button 7733 Datasheet HTML 478Page - Renesas Technology Corp 7733 Datasheet HTML 479Page - Renesas Technology Corp 7733 Datasheet HTML 480Page - Renesas Technology Corp 7733 Datasheet HTML 481Page - Renesas Technology Corp 7733 Datasheet HTML 482Page - Renesas Technology Corp 7733 Datasheet HTML 483Page - Renesas Technology Corp 7733 Datasheet HTML 484Page - Renesas Technology Corp 7733 Datasheet HTML 485Page - Renesas Technology Corp 7733 Datasheet HTML 486Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 482 / 940 page
background image
LOW VOLTAGE VERSION
7733 Group User’s Manual
18–16
18.4 Electrical characteristics
18.4.6 Ready and Hold
Timing requirements (Vcc = 2.7 to 5.5 V, Vss = 0 V, Ta = –40 to 85
°C, f(XIN) = 12 MHz (Note), unless
otherwise noted)
g The rise/fall time of an input signal must be 100 ns or less, unless otherwise noted.
Limits
tsu(RDY–φ1)
tsu(HOLD–φ1)
th(φ1–RDY)
th(φ1–HOLD)
Max.
ns
ns
ns
ns
Min.
Parameter
Symbol
Unit
80
80
0
0
Note: This is applied to the case where the main clock division selection bit = “0” and f(f2) = 6 MHz.
Switching characteristics (Vcc = 2.7 to 5.5 V, Vss = 0 V, Ta = –40 to 85
°C, f(XIN) = 12 MHz, unless
otherwise noted)
ns
Min.
Max.
120
Limits
Unit
Conditions
Parameter
Fig. 18.4.1
Symbol
_____
HLDA
output delay time
td(φ1–HLDA)
____
RDY
input setup time
_____
HOLD
input setup time
____
RDY
input hold time
_____
HOLD
input hold time



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com