Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7733 Datasheet(PDF) 515 Page - Renesas Technology Corp

Part # 7733
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  940 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7733 Datasheet(HTML) 515 Page - Renesas Technology Corp

Back Button 7733 Datasheet HTML 511Page - Renesas Technology Corp 7733 Datasheet HTML 512Page - Renesas Technology Corp 7733 Datasheet HTML 513Page - Renesas Technology Corp 7733 Datasheet HTML 514Page - Renesas Technology Corp 7733 Datasheet HTML 515Page - Renesas Technology Corp 7733 Datasheet HTML 516Page - Renesas Technology Corp 7733 Datasheet HTML 517Page - Renesas Technology Corp 7733 Datasheet HTML 518Page - Renesas Technology Corp 7733 Datasheet HTML 519Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 515 / 940 page
background image
BUILT-IN PROM VERSION
7733 Group User’s Manual
19-9
19.1 EPROM mode
AC electrical characteristics (Ta = 25 ± 5 °C, Vcc = 6 V ± 0.25 V, VPP = 12.5 ± 0.3 V, unless otherwise noted)
19.1.4 Electrical characteristics of programming algorithm
Max.
130
0.21
5.25
150
Typ.
0.2
Min.
Limits
Unit
Parameter
µs
µs
µs
µs
µs
ns
µs
µs
ms
ms
µs
ns
Address setup time
OE
setup time
Data setup time
Address hold time
Data hold time
___
Output floating delay time after OE
Vcc setup time
VPP setup time
____
PGM
pulse width
____
Additional PGM
pulse width
___
CE
setup time
___
Data delay time after OE
tAS
tOES
tDS
tAH
tDH
tDFP
tVCS
tVPS
tPW
tOPW
tCES
tOE
Symbol
2
2
2
0
2
0
2
2
0.19
0.19
2
Switching characteristics measuring conditions
qInput voltage : V IL = 0.45 V, VIH = 2.4 V
qInput signal rise/fall time (10%–90%) :
≤ 20 ns
qReference voltage in timing measurement : Input/output “L” = 0.8 V, “H” = 2 V
tVCS
tVPS
tDS
tDH
tDFP
tAS
tAH
Verify
Program
Data set
Data output valid
VIH
VIL
VIH/VOH
VIL/VOL
VPP
VCC
VCC + 1
VCC
Address
Data
VPP
VCC
tOES
tOE
tOPW
tPW
VIH
VIL
VIH
VIL
PGM
OE
VIH
VIL
tCES
CE
Programming timing diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com