Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7733 Datasheet(PDF) 519 Page - Renesas Technology Corp

Part # 7733
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  940 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7733 Datasheet(HTML) 519 Page - Renesas Technology Corp

Back Button 7733 Datasheet HTML 515Page - Renesas Technology Corp 7733 Datasheet HTML 516Page - Renesas Technology Corp 7733 Datasheet HTML 517Page - Renesas Technology Corp 7733 Datasheet HTML 518Page - Renesas Technology Corp 7733 Datasheet HTML 519Page - Renesas Technology Corp 7733 Datasheet HTML 520Page - Renesas Technology Corp 7733 Datasheet HTML 521Page - Renesas Technology Corp 7733 Datasheet HTML 522Page - Renesas Technology Corp 7733 Datasheet HTML 523Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 519 / 940 page
background image
EXTERNAL ROM VERSION
7733 Group User’s Manual
20–3
20.1 Performance overview
Performance overview of the external ROM version differs from that of the mask ROM version in the
following: memory size and current consumption. For the other items, refer to section “1.1 Overview.”
Table 20.1.1 lists the M37733S4BFP’s performance overview.
Table 20.1.1 M37733S4BFP’s performance overview
Performance
2048 bytes
57 mW (When f(XIN) = 25-MHz external square wave
input, Vcc = 5 V, and the main clock is the system clock,
Typ.)
300
µW (When f(XCIN) = 32 kHz, Vcc = 5 V, the sub
clock is the system clock, and the main clock is stopped,
Typ.)
Items
Memory size
Current consumption
RAM
20.1 Performance overview



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com