Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7733 Datasheet(PDF) 521 Page - Renesas Technology Corp

Part # 7733
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  940 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7733 Datasheet(HTML) 521 Page - Renesas Technology Corp

Back Button 7733 Datasheet HTML 517Page - Renesas Technology Corp 7733 Datasheet HTML 518Page - Renesas Technology Corp 7733 Datasheet HTML 519Page - Renesas Technology Corp 7733 Datasheet HTML 520Page - Renesas Technology Corp 7733 Datasheet HTML 521Page - Renesas Technology Corp 7733 Datasheet HTML 522Page - Renesas Technology Corp 7733 Datasheet HTML 523Page - Renesas Technology Corp 7733 Datasheet HTML 524Page - Renesas Technology Corp 7733 Datasheet HTML 525Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 521 / 940 page
background image
EXTERNAL ROM VERSION
7733 Group User’s Manual
20–5
20.3 Pin description
20.3 Pin description
Tables 20.3.1 and 20.3.2 list the pin description.
Table 20.3.1 Pin description (1)
Pin
Vcc, Vss
CNVss
______
RESET
XIN
XOUT
_
E
BYTE
AVcc
AVss
VREF
A0 (P00)–
A7 (P07)
A8/D8
(P10)–A15/
D15 (P17)
A16/D0
(P20)–A23/
D7 (P27)
Input/Output
Input
Input
Input
Output
Output
Input
Input
Output
I/O
I/O
Functions
To pin Vcc, apply 5 V±10% (When the main clock is
the system clock) or 2.7 V to 5.5 V (When the sub-
clock is the system clock). To pin Vss, apply 0 V.
Connect to pin Vcc.
The microcomputer is reset when “L” level is input to
this pin.
Pins XIN and XOUT are the I/O pins of the clock
generating circuit, respectively. Connect these pins via
a ceramic resonator or a quartz-crystal oscillator. When
an external clock is used, the clock should be input to
pin XIN, and pin XOUT should be left open.
__
This pin outputs signal E. When E’s level is “L,” the
microcomputer reads data and instruction codes or writes
_
data. Also, output of signal E can be stopped by software.
Input level to this pin determines whether the external
data bus has a 16-bit width or an 8-bit width. A 16-bit
width is selected when the level is “L,” and an 8-bit
width is selected when the level is “H.”
Power source input for the A-D converter. Connect to
pin Vcc.
Power source input for the A-D converter. Connect to
pin Vss.
This is the reference voltage input pin for the A-D
converter.
Address’s low-order 8 bits (A0–A7) are output.
q When the external data bus width = 8 bits
(Pin BYTE is at “H” level)
Address’s middle-order 8 bits (A8–A15) are output.
q When the external bus width = 16 bits
(Pin BYTE is at “L” level)
Input/Output of data (D8–D15) and output of address’s
middle-order 8 bits (A8–A15) are performed with the
time sharing method.
Input/Output of data (D0–D7) and output of address’s
high-order 8 bits (A16–A23) are performed with the time
sharing method.
Name
Power source input
CNVss
Reset input
Clock input
Clock output
Enable output
External data bus width
selection input
Analog power source input
Reference voltage input
Address (low order) output
Address (middle order)
output/Data (high order)
I/O
Address (high order) output/
Data (low-order) I/O



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com