Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7733 Datasheet(PDF) 522 Page - Renesas Technology Corp

Part # 7733
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  940 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7733 Datasheet(HTML) 522 Page - Renesas Technology Corp

Back Button 7733 Datasheet HTML 518Page - Renesas Technology Corp 7733 Datasheet HTML 519Page - Renesas Technology Corp 7733 Datasheet HTML 520Page - Renesas Technology Corp 7733 Datasheet HTML 521Page - Renesas Technology Corp 7733 Datasheet HTML 522Page - Renesas Technology Corp 7733 Datasheet HTML 523Page - Renesas Technology Corp 7733 Datasheet HTML 524Page - Renesas Technology Corp 7733 Datasheet HTML 525Page - Renesas Technology Corp 7733 Datasheet HTML 526Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 522 / 940 page
background image
EXTERNAL ROM VERSION
7733 Group User’s Manual
20–6
20.3 Pin description
Table 20.3.2 Pin description (2)
Input/Output
Output
Input
Input
Output
I/O
I/O
I/O
I/O
I/O
Functions
__
____
These pins respectively output signals R/W, BHE, ALE,
_____
and HLDA.
__
q Signal R/W
This signal indicates the data bus state.
When this signal level is “H,” a data bus is in the
read state. When this signal level is “L,” a data bus
is in the write state.
____
q Signal BHE
This signal’s level is “L” when the microcomputer
accesses an odd address.
q Signal ALE
This signal is used to separate the multiplexed signal which
consists of an address and data to the address and the data.
_____
q Signal HLDA
This signal informs the external whether the
microcomputer enters the Hold state or not.
_____
In Hold state, pin HLDA outputs “L” level.
_____
The microcomputer is in Hold state while pin HOLD’s
____
input level is “L” and is in Ready state while pin RDY’s
input level is “L.”
Clock
φ1 is output from pin φ1. P43–P47 function as I/
O ports with the same functions as port P5.
P5 is a CMOS 8-bit I/O port and has an I/O direction
register. Each pin can be programmed as an input port
or an output port. And it can be programmed as I/O
pins for timers A0–A3 and input pins (KI0–KI3) for the
key input interrupt.
P6 is an 8-bit I/O port with the same function as port
P5 and can be programmed as I/O pins for timer A4,
external interrupt input pins, and input pins for timers
B0–B2. P67 also functions as an output pin for the sub
clock (
φSUB).
P7 is an 8-bit I/O port with the same function as port
P5 and can be programmed as analog input pins for
the A-D converter. P76 and P77 can be programmed
as I/O pins (XCOUT, XCIN) for the sub-clock (32 kHz)
oscillation circuit. When using P76 and P77 as pins
XCOUT and XCIN, connect a quartz-crystal oscillator
between them. P72–P75 also function as UART2’s I/O
pins.
P8 is an 8-bit I/O port with the same function as port
P5 and can be programmed as serial I/O’s I/O pins.
Name
Read write output,
Byte high enable output,
Address latch enable
output,
Hold acknowledge output
Hold request,
Ready,
Clock output,
I/O port P4
I/O port P5
I/O port P6
I/O port P7
I/O port P8
Pin
__
R/W (P30),
____
BHE
(P31),
ALE (P32),
_____
HLDA
(P33)
_____
HOLD
,
____
RDY
,
φ1(P42),
P43–P47
P50–P57
P60–P67
P70–P77
P80–P87



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com