Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7733 Datasheet(PDF) 516 Page - Renesas Technology Corp

Part # 7733
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  940 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7733 Datasheet(HTML) 516 Page - Renesas Technology Corp

Back Button 7733 Datasheet HTML 512Page - Renesas Technology Corp 7733 Datasheet HTML 513Page - Renesas Technology Corp 7733 Datasheet HTML 514Page - Renesas Technology Corp 7733 Datasheet HTML 515Page - Renesas Technology Corp 7733 Datasheet HTML 516Page - Renesas Technology Corp 7733 Datasheet HTML 517Page - Renesas Technology Corp 7733 Datasheet HTML 518Page - Renesas Technology Corp 7733 Datasheet HTML 519Page - Renesas Technology Corp 7733 Datasheet HTML 520Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 516 / 940 page
background image
BUILT-IN PROM VERSION
7733 Group User’s Manual
19-10
19.2 Usage precaution
[Precautions on all built-in PROM versions]
When programming to the built-in PROM, high voltage is required. Accordingly, be careful not to apply
excessive voltage to the microcomputer. Furthermore, be especially careful during power-on.
[Precautions on One Time PROM version]
One Time PROM versions shipped in blank (M37733EHBFP, M37733EHLHP), of which built-in PROMs are
programmed by users, are also provided.
For these microcomputers, a programming test and screening are not performed in the assembly process
and the following processes. To improve their reliability after programming, we recommend to program and
test as the flow shown in Figure 19.2.1 before use.
19.2 Usage precaution
Fig. 19.2.1 Programming and test flow for One Time PROM version
[Precautions on EPROM version]
qCover the transparent glass window with a shield or others during the read mode because exposing to
sun light or fluorescent lamp can cause erasing the programmed data.
A shield to cover the transparent window is available from Mitsubishi Electric Corporation. Be careful that
the shield does not touch the EPROM lead pins.
qClean the transparent glass before erasing. There is a possibility that fingers’ flat and paste disturb the
passage of ultraviolet rays and affect badly the erasure capability.
qThe EPROM version is a tool only for program development (Evaluation only), and do not use it for the
mass product run.
Programming with PROM programmer
Screening (Note)
(Leave at 150
°C for 40 hours)
Verify test with PROM programmer
Function check in target device
Note: Never expose to 150
°C exceeding 100 hours.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com