Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7733 Datasheet(PDF) 115 Page - Renesas Technology Corp

Part # 7733
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  940 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7733 Datasheet(HTML) 115 Page - Renesas Technology Corp

Back Button 7733 Datasheet HTML 111Page - Renesas Technology Corp 7733 Datasheet HTML 112Page - Renesas Technology Corp 7733 Datasheet HTML 113Page - Renesas Technology Corp 7733 Datasheet HTML 114Page - Renesas Technology Corp 7733 Datasheet HTML 115Page - Renesas Technology Corp 7733 Datasheet HTML 116Page - Renesas Technology Corp 7733 Datasheet HTML 117Page - Renesas Technology Corp 7733 Datasheet HTML 118Page - Renesas Technology Corp 7733 Datasheet HTML 119Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 115 / 940 page
background image
TIMER A
7733 Group User’s Manual
6–4
Timer Ai register
High-order byte
Low-order byte
Timer A0 register
Address 4716
Address 4616
Timer A1 register
Address 4916
Address 4816
Timer A2 register
Address 4B16
Address 4A16
Timer A3 register
Address 4D16
Address 4C16
Timer A4 register
Address 4F16
Address 4E16
6.2.1 Counter and reload register (Timer Ai register)
Each of timer Ai counter and its reload register consists of 16 bits.
The counter performs countdown each time a count source is input. In the event counter mode, it can also
function as an up-counter.
The reload register is used to memorize the initial value of a counter. When an underflow/overflow occurs
in the counter, the reload register’s contents is reloaded into the counter. However, when the free-run count
function is used, the reload register’s contents is not reloaded into the counter.
Values are set to the counter and reload register by writing the values to the timer Ai register. Table 6.2.1
lists the memory allocation of the timer Ai register.
A value written into the timer Ai register while counting is stopped is set to the counter and reload register.
A value written into the timer Ai register while counting is in progress is set only to the reload register. In
this case, the reload register’s updated contents is transferred to the counter at the next reload time. A
value obtained by reading out the timer Ai register depends on the operating mode. Table 6.2.2 lists
reading and writing from and to the timer Ai register.
Table 6.2.1 Memory allocation of timer Ai register
Table 6.2.2 Reading and writing from and to timer Ai register
Write
<While counting is in progress>
Written only to the reload register.
<While counting is stopped>
Written to both of the counter and
reload register.
6.2 Block description
Note: At reset, the contents of the timer Ai register is undefined.
Operating mode
Timer mode
Event counter mode
One-shot pulse mode
Pulse width modulation (PWM) mode
Read
Counter value is read out.
(Note 1)
Undefined value is read out.
Notes 1: Also refer to “Precautions in timer mode” and “Precautions in event counter mode.”
2: Perform reading or writing by the 16 bits.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com