Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7733 Datasheet(PDF) 118 Page - Renesas Technology Corp

Part # 7733
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  940 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7733 Datasheet(HTML) 118 Page - Renesas Technology Corp

Back Button 7733 Datasheet HTML 114Page - Renesas Technology Corp 7733 Datasheet HTML 115Page - Renesas Technology Corp 7733 Datasheet HTML 116Page - Renesas Technology Corp 7733 Datasheet HTML 117Page - Renesas Technology Corp 7733 Datasheet HTML 118Page - Renesas Technology Corp 7733 Datasheet HTML 119Page - Renesas Technology Corp 7733 Datasheet HTML 120Page - Renesas Technology Corp 7733 Datasheet HTML 121Page - Renesas Technology Corp 7733 Datasheet HTML 122Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 118 / 940 page
background image
TIMER A
7733 Group User’s Manual
6–7
6.2.4 Timer Ai interrupt control register
Figure 6.2.4 shows the structure of the timer Ai interrupt control register. For details about interrupts, refer
to chapter “4. INTERRUPTS.”
6.2 Block description
Fig. 6.2.4 Structure of timer Ai interrupt control register
(1) Interrupt priority level selection bits (bits 2 to 0)
These bits select a timer Ai interrupt’s priority level. When using timer Ai interrupts, select one priority
level from levels 1 to 7. If a timer Ai interrupt request is generated, its priority level is compared with
the processor interrupt priority level (IPL), and then the requested interrupt is enabled only when its
priority level is higher than the IPL. (However, this is applied when the interrupt disable flag (I) = “0.”)
When disabling timer Ai interrupts, set these bits to “0002” (Level 0).
(2) Interrupt request bit (bit 3)
This bit is set to “1” when a timer Ai interrupt request is generated. This bit is automatically cleared
to “0” when the timer Ai interrupt request is accepted. This bit can be set to “1” or cleared to “0” by
software.
Bit
Not implemented.
3
Interrupt request bit
2
1
0
Interrupt priority level
selection bits
Bit name
At reset
Undefined
0
0
0
0
RW
Functions
0 0 0: Level 0
(Interrupt is disabled.)
0 0 1: Level 1
Priority is low.
0 1 0: Level 2
0 1 1: Level 3
1 0 0: Level 4
1 0 1: Level 5
1 1 0: Level 6
1 1 1: Level 7
Priority is high.
b2 b1 b0
0: No interrupt request has occurred.
1: Interrupt request has occurred.
7 to 4
b7
b6
b5
b4
b3
b2
b1
b0
Timer Ai interrupt control register (i = 0 to 4) (addresses 7516 to 7916)
RW
RW
RW
RW
–



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com