Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7733 Datasheet(PDF) 120 Page - Renesas Technology Corp

Part # 7733
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  940 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7733 Datasheet(HTML) 120 Page - Renesas Technology Corp

Back Button 7733 Datasheet HTML 116Page - Renesas Technology Corp 7733 Datasheet HTML 117Page - Renesas Technology Corp 7733 Datasheet HTML 118Page - Renesas Technology Corp 7733 Datasheet HTML 119Page - Renesas Technology Corp 7733 Datasheet HTML 120Page - Renesas Technology Corp 7733 Datasheet HTML 121Page - Renesas Technology Corp 7733 Datasheet HTML 122Page - Renesas Technology Corp 7733 Datasheet HTML 123Page - Renesas Technology Corp 7733 Datasheet HTML 124Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 120 / 940 page
background image
TIMER A
7733 Group User’s Manual
6–9
6.3 Timer mode (Bits 1 and 0 of timer Ai mode register = “002”)
In this mode, a count source internally generated is counted. (Refer to Table 6.3.1.) Figure 6.3.1 shows the
structures of the timer Ai mode register and timer Ai register in the timer mode.
Table 6.3.1 Specifications of timer mode
6.3 Timer mode
Item
Count source
Count operation
Division ratio
Count start condition
Count stop condition
Interrupt request occurrence timing
Pin TAiIN’s function
Pin TAiOUT’s function
Read from timer
Write to timer
Specifications
Clock f2, f16, f64, or f512
q Countdown
q At an underflow, the reload register’s contents is reloaded, and counting
is continued.
When the count start flag is set to “1.”
When the count start flag is cleared to “0.”
At an underflow
Programmable I/O port or gate input
Programmable I/O port or pulse output
A counter value can be read out by reading the timer Ai register.
s While counting is stopped
When a value is written to the timer Ai register, it is written to both
of the reload register and counter.
s While counting is in progress
When a value is written to the timer Ai register, it is written only to
the reload register. (Transferred to the counter at the next reload
time.)
1
(n + 1)
n: Set value in the timer Ai register
Clocks f2, f16, f64, and f512: Refer to chapter “14. CLOCK GENERATING CIRCUIT.”



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com