Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7733 Datasheet(PDF) 124 Page - Renesas Technology Corp

Part # 7733
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  940 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7733 Datasheet(HTML) 124 Page - Renesas Technology Corp

Back Button 7733 Datasheet HTML 120Page - Renesas Technology Corp 7733 Datasheet HTML 121Page - Renesas Technology Corp 7733 Datasheet HTML 122Page - Renesas Technology Corp 7733 Datasheet HTML 123Page - Renesas Technology Corp 7733 Datasheet HTML 124Page - Renesas Technology Corp 7733 Datasheet HTML 125Page - Renesas Technology Corp 7733 Datasheet HTML 126Page - Renesas Technology Corp 7733 Datasheet HTML 127Page - Renesas Technology Corp 7733 Datasheet HTML 128Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 124 / 940 page
background image
TIMER A
7733 Group User’s Manual
6–13
6.3.2 Count source
In the timer mode, by the count source selection bits (bits 6 and 7 at addresses 5616 to 5A16), a count
source can be selected. Table 6.3.2 lists the relationship between the count source selection bits and count
source.
Table 6.3.2 Relationship between count source selection bits and count source
6.3 Timer mode
b7
0
0
1
1
b6
0
1
0
1
Count
source
f2
f16
f64
f512
Frequency of count source
When system clock = 25 MHz
When system clock = 16 MHz
When system clock = 8 MHz
Clocks f2, f16, f64, f512, and system clock: Refer to chapter “14. CLOCK GENERATING CIRCUIT.”
Note: This is applied when the system clock selection bit (bit 3 at address 6C16) = “0” and the main clock
division selection bit (bit 0 at address 6F16) = “0.” (For details, refer to chapter “14. CLOCK GENERATING
CIRCUIT.”)
12.5 MHz
1.5625 MHz
390.625 kHz
48.8281 kHz
8 MHz
1 MHz
250 kHz
31.25 kHz
4 MHz
500 kHz
125 kHz
15.625 kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com