Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7733 Datasheet(PDF) 128 Page - Renesas Technology Corp

Part # 7733
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  940 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7733 Datasheet(HTML) 128 Page - Renesas Technology Corp

Back Button 7733 Datasheet HTML 124Page - Renesas Technology Corp 7733 Datasheet HTML 125Page - Renesas Technology Corp 7733 Datasheet HTML 126Page - Renesas Technology Corp 7733 Datasheet HTML 127Page - Renesas Technology Corp 7733 Datasheet HTML 128Page - Renesas Technology Corp 7733 Datasheet HTML 129Page - Renesas Technology Corp 7733 Datasheet HTML 130Page - Renesas Technology Corp 7733 Datasheet HTML 131Page - Renesas Technology Corp 7733 Datasheet HTML 132Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 128 / 940 page
background image
TIMER A
7733 Group User’s Manual
6–17
(2) Pulse output function
The pulse output function is selected by setting the pulse output function selection bit (bit 2 at
addresses 5616 to 5A16) to “1.” When this function is selected, pin TAiOUT is forcibly set as the pulse
output pin independent of the corresponding bits of the port P5 and port P6 direction registers. And
then, pin TAiOUT outputs the signal of which polarity is inverted each time an underflow occurs.
When the count start flag (address 4016) = “0,” in other words, when counting is stopped, pin TAiOUT
outputs “L” level. Figure 6.3.6 shows an operation example when the pulse output function is selected.
6.3 Timer mode
Fig. 6.3.6 Operation example when pulse output function is selected
Counting is stopped.
Counting is restarted.
FFFF16
n
000016
Time
Count start flag
Pulse output from
pin TAiOUT
“1”
n = Reload register’s contents
Cleared to “0” when an interrupt request is accepted; otherwise, cleared by software
Set to “1” by software
Counting is started.
“0”
Timer Ai interrupt
request bit
“1”
“0”
Set to “1” by software
“1”
“0”
Cleared to “0” by software



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com