Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7733 Datasheet(PDF) 127 Page - Renesas Technology Corp

Part # 7733
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  940 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7733 Datasheet(HTML) 127 Page - Renesas Technology Corp

Back Button 7733 Datasheet HTML 123Page - Renesas Technology Corp 7733 Datasheet HTML 124Page - Renesas Technology Corp 7733 Datasheet HTML 125Page - Renesas Technology Corp 7733 Datasheet HTML 126Page - Renesas Technology Corp 7733 Datasheet HTML 127Page - Renesas Technology Corp 7733 Datasheet HTML 128Page - Renesas Technology Corp 7733 Datasheet HTML 129Page - Renesas Technology Corp 7733 Datasheet HTML 130Page - Renesas Technology Corp 7733 Datasheet HTML 131Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 127 / 940 page
background image
TIMER A
7733 Group User’s Manual
6–16
6.3 Timer mode
Fig. 6.3.5 Operation example when gate function is selected
FFFF16
n
000016
Time
Count start flag
Timer Ai interrupt
request bit
“1”
“1”
n = Reload register’s contents
Cleared to “0” when
an interrupt request
is accepted; otherwise,
cleared by software
Pin TAiIN’s
input signal
Count
valid level
 Counting is stopped.
Œ Counting is started.
“0”
“0”
Œ Counting is performed while the count start flag = “1” and pin TAiIN’s input signal is at
the count valid level.
 Counter stops counting while pin TAiIN’s input signal is not at the count valid level,
and counter value is retained.
Set to “1” by software



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com