Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7733 Datasheet(PDF) 126 Page - Renesas Technology Corp

Part # 7733
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  940 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7733 Datasheet(HTML) 126 Page - Renesas Technology Corp

Back Button 7733 Datasheet HTML 122Page - Renesas Technology Corp 7733 Datasheet HTML 123Page - Renesas Technology Corp 7733 Datasheet HTML 124Page - Renesas Technology Corp 7733 Datasheet HTML 125Page - Renesas Technology Corp 7733 Datasheet HTML 126Page - Renesas Technology Corp 7733 Datasheet HTML 127Page - Renesas Technology Corp 7733 Datasheet HTML 128Page - Renesas Technology Corp 7733 Datasheet HTML 129Page - Renesas Technology Corp 7733 Datasheet HTML 130Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 126 / 940 page
background image
TIMER A
7733 Group User’s Manual
6–15
6.3.4 Selectable functions
The gate and pulse output functions are described below.
(1) Gate function
The gate function is selected by setting the gate function selection bits (bits 4 and 3 at addresses 5616
to 5A16) to “102” or “112.” When the gate function is selected, counting can be started or stopped by
pin TAiIN’s input signal. Table 6.3.3 lists the count valid levels. Figure 6.3.5 shows an operation
example when the gate function is selected.
When selecting the gate function, set the port P5 and port P6 direction registers’ bits which correspond
to pin TAiIN for the input mode. Also make sure that pin TAiIN’s input signal has a pulse width equal
to or greater than two cycles of the count source.
Table 6.3.3 Count valid levels
6.3 Timer mode
Count valid level (Duration of counting)
While pin TAiIN’s input signal level is “L”
While pin TAiIN’s input signal level is “H”
Note: The counter does not count while pin TAiIN’s input signal is not at the count valid level.
b4
1
1
b3
0
1
Gate function selection bits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com