Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7733 Datasheet(PDF) 130 Page - Renesas Technology Corp

Part # 7733
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  940 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7733 Datasheet(HTML) 130 Page - Renesas Technology Corp

Back Button 7733 Datasheet HTML 126Page - Renesas Technology Corp 7733 Datasheet HTML 127Page - Renesas Technology Corp 7733 Datasheet HTML 128Page - Renesas Technology Corp 7733 Datasheet HTML 129Page - Renesas Technology Corp 7733 Datasheet HTML 130Page - Renesas Technology Corp 7733 Datasheet HTML 131Page - Renesas Technology Corp 7733 Datasheet HTML 132Page - Renesas Technology Corp 7733 Datasheet HTML 133Page - Renesas Technology Corp 7733 Datasheet HTML 134Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 130 / 940 page
background image
TIMER A
7733 Group User’s Manual
6–19
6.4 Event counter mode (Bits 1 and 0 of timer Ai mode register = “012”)
In this mode, an external signal is counted. (Refer to Tables 6.4.1 and 6.4.2.) Figures 6.4.1 and 6.4.2 show
the structures of the timer Ai mode register and timer Ai register in the event counter mode.
Table 6.4.1 Specifications of event counter mode (when not using two-phase pulse signal processing function)
6.4 Event counter mode
Specifications
q External signal input to pin TAiIN
q “Falling edge” or “Rising edge” can be selected as the valid edge of
the count source by software.
q “Countup” or “countdown” can be selected by the external signal or
software
q At an overflow or underflow, the reload register’s contents is reloaded,
and counting is continued (Note).
Item
Count source
Count operation
Division ratio
Count start condition
Count stop condition
Interrupt request occurrence timing
Pin TAiIN’s function
Pin TAiOUT’s function
Read from timer
Write to timer
When the count start flag is set to “1.”
When the count start flag is cleared to “0.”
At an overflow or underflow
Count source input
Programmable I/O port, pulse output, or countup/countdown switch
signal input
A counter value can be read out by reading the timer Ai register.
s While counting is stopped
When a value is written to the timer Ai register, it is written to both
of the reload register and counter.
s While counting is in progress
When a value is written to the timer Ai register, it is written only to
the reload register. (Transferred to the counter at the next reload
time.)
< While counting up>
< While counting down>
1
(n + 1)
1
(FFFF16 – n + 1)
n: Set value in the timer Ai register
Note: This is applied when not using the free-run count function.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com