Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7733 Datasheet(PDF) 134 Page - Renesas Technology Corp

Part # 7733
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  940 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7733 Datasheet(HTML) 134 Page - Renesas Technology Corp

Back Button 7733 Datasheet HTML 130Page - Renesas Technology Corp 7733 Datasheet HTML 131Page - Renesas Technology Corp 7733 Datasheet HTML 132Page - Renesas Technology Corp 7733 Datasheet HTML 133Page - Renesas Technology Corp 7733 Datasheet HTML 134Page - Renesas Technology Corp 7733 Datasheet HTML 135Page - Renesas Technology Corp 7733 Datasheet HTML 136Page - Renesas Technology Corp 7733 Datasheet HTML 137Page - Renesas Technology Corp 7733 Datasheet HTML 138Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 134 / 940 page
background image
TIMER A
7733 Group User’s Manual
6–23
6.4.1 Setting for event counter mode
Figure 6.4.3 and 6.4.4 show an initial setting example for registers related to the event counter mode.
Note that when using interrupts, setting for enabling interrupts is required. For details, refer to chapter “4.
INTERRUPTS.”
6.4 Event counter mode
Fig. 6.4.3 Initial setting example for registers related to event counter mode (1)
g Counter divides the count source frequency by (n + 1)
while counting down or by (FFFF16 – n + 1) while counting
up.
Setting of the up-down flag
b7
b0
Timer A0 up-down flag
Continued to
“Initial setting example for registers related to event counter mode (2)”
on the next page
b7
b0
Two-phase pulse signal processing type selection bit
(Valid only for i = 3)
0: Normal processing
1: Quadruple processing
01
0
Selection of the event counter mode and each function
Timer Ai mode register (i = 0 to 4)
(addresses 5616 to 5A16)
Pulse output function selection bit
0: No pulse is output.
1: Pulse is output.
Count polarity selection bit
0: Counts at falling edge of external signal.
1: Counts at rising edge of external signal.
Up-down switching factor selection bit
0: Contents of the up-down flag
1: Input signal to pin TAiOUT
Count type selection bit
(Valid only for i = 2 to 4)
0: Reload count type
1: Free-run count type
Event counter mode is selected.
Setting of the division ratio
b7
b0
Values 000016 to FFFF16 (n) can be set.
(b15)
(b8)
b7
b0
Timer A0 register (addresses 4716, 4616)
Timer A1 register (addresses 4916, 4816)
Timer A2 register (addresses 4B16, 4A16)
Timer A3 register (addresses 4D16, 4C16)
Timer A4 register (addresses 4F16, 4E16)
Up-down flag (address 4416)
•When up-down flag is selected as up-down switching
factor, set corresponding up-down flag.
0: Countdown
1: Countup
•Selection of the two-phase pulse signal processing function
Set the corresponding bit to “1.”
0: Two-phase pulse signal processing function is disabled.
1: Two-phase pulse signal processing function is enabled.
Timer A1 up-down flag
Timer A2 up-down flag
Timer A3 up-down flag
Timer A4 up-down flag
Timer A2 two-phase pulse signal
processing selection bit
Timer A3 two-phase pulse signal
processing selection bit
Timer A4 two-phase pulse signal
processing selection bit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com