Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7733 Datasheet(PDF) 137 Page - Renesas Technology Corp

Part # 7733
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  940 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7733 Datasheet(HTML) 137 Page - Renesas Technology Corp

Back Button 7733 Datasheet HTML 133Page - Renesas Technology Corp 7733 Datasheet HTML 134Page - Renesas Technology Corp 7733 Datasheet HTML 135Page - Renesas Technology Corp 7733 Datasheet HTML 136Page - Renesas Technology Corp 7733 Datasheet HTML 137Page - Renesas Technology Corp 7733 Datasheet HTML 138Page - Renesas Technology Corp 7733 Datasheet HTML 139Page - Renesas Technology Corp 7733 Datasheet HTML 140Page - Renesas Technology Corp 7733 Datasheet HTML 141Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 137 / 940 page
background image
TIMER A
7733 Group User’s Manual
6–26
(1) Switching between countup and countdown
A register named “up-down flag” (address 4416) or pin TAiOUT’s input signal switches countup from
and to countdown. This switching is performed by an up-down flag when the up-down switching factor
selection bit (bit 4 at addresses 5616 to 5A16) = “0” and by pin TAiOUT’s input signal when the up-down
switching factor selection bit = “1.”
When the switching between countup and countdown is set while counting is in progress, this switching
is realized at the next valid edge of the count source.
s When switching by up-down flag
Countdown is performed when the up-down flag = “0,” and countup is performed when the up-down
flag = “1.” Figure 6.4.6 shows the structure of the up-down flag.
s When switching by pin TAiOUT’s input signal
Countdown is performed when pin TAiOUT’s input signal level is “L” and countup is performed when
it is “H.”
When switching countup from and to countdown by pin TAiOUT’s input signal, set a port P5 or P6
direction register’s bit which corresponds to pin TAiOUT for the input mode.
6.4 Event counter mode
Fig. 6.4.6 Structure of up-down flag
Bit
Bit name
At reset
0
0
0
0
0
RW
Functions
b7
b6
b5
b4
b3
b2
b1
b0
Up-down flag (address 4416)
0
0
0
4
Timer A4 up-down flag
3
Timer A3 up-down flag
2
Timer A2 up-down flag
1
Timer A1 up-down flag
0
Timer A0 up-down flag
5
Timer A2 two-phase pulse signal
processing selection bit
6
Timer A3 two-phase pulse signal
processing selection bit
7
Timer A4 two-phase pulse signal
processing selection bit
0: Countdown
1: Countup
This bits is valid when the contents
of the up-down flag is selected as
the up-down switching factor.
0: Two-phase pulse signal
processing function is disabled.
1: Two-phase pulse signal
processing function is enabled.
When not using the two-phase pulse
signal processing function, be sure
to set this bit to “0.”
This bit is “0” at reading.
RW
RW
RW
RW
RW
WO
WO
WO
Note: When writing to bits 5 to 7, use the LDM or STA instruction.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com