Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7733 Datasheet(PDF) 139 Page - Renesas Technology Corp

Part # 7733
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  940 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7733 Datasheet(HTML) 139 Page - Renesas Technology Corp

Back Button 7733 Datasheet HTML 135Page - Renesas Technology Corp 7733 Datasheet HTML 136Page - Renesas Technology Corp 7733 Datasheet HTML 137Page - Renesas Technology Corp 7733 Datasheet HTML 138Page - Renesas Technology Corp 7733 Datasheet HTML 139Page - Renesas Technology Corp 7733 Datasheet HTML 140Page - Renesas Technology Corp 7733 Datasheet HTML 141Page - Renesas Technology Corp 7733 Datasheet HTML 142Page - Renesas Technology Corp 7733 Datasheet HTML 143Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 139 / 940 page
background image
TIMER A
7733 Group User’s Manual
6–28
(2) Pulse output function
The pulse output function is selected by setting the pulse output function selection bit (bit 2 at
addresses 5616 to 5A16) to “1.” When this function is selected, pin TAiOUT is forcibly set as the pulse
output pin independent of the corresponding bit of the port P5 or port P6 direction register. And then,
pin TAiOUT outputs a signal of which polarity is inverted each time an underflow or overflow occurs
(Refer to Figure 6.3.6).
When the count start flag (address 4016) = “0,” in other words, when counting is stopped, pin TAiOUT
outputs “L” level.
(3) Two-phase pulse signal processing function (Timers A2 to A4)
For timers A2 to A4, the two-phase pulse signal processing function is selected by setting the two-
phase pulse signal processing selection bits (bits 5 to 7 at address 4416) to “1.” (Refer to Figure
6.4.6.) Figure 6.4.8 shows the timer A2, A3, and A4 mode registers when the two-phase pulse signal
processing function is selected.
In a timer with the two-phase pulse signal processing function selected, two kinds of pulses of which
phases differ by 90 degrees are counted. There are two types of the two-phase pulse signal processing:
normal processing and quadruple processing. In timer A2, normal processing is performed; in timer
A4, quadruple processing is performed. In timer A3, either normal processing or quadruple processing
can be selected by the two-phase pulse signal processing type selection bit (bit 7 at address 5916).
Some bits of the port P5 and P6 direction registers correspond to pins used for the two-phase pulse
input. Set these bits for the input mode.
6.4 Event counter mode
1
00
0
0
1
Timer A2 mode register (address 5816)
Timer A3 mode register (address 5916)
Timer A4 mode register (address 5A16)
0: Reload count type
1: Free-run count type
b7
b6
b5
b4
b3
b2
b1
b0
g
g: Bit 7 of the timer A3 mode register is used to select the two-phase pulse signal
processing type of timer A3.
Normal processing is selected when this bit = “0,” and quadruple processing
is selected when this bit = “1.”
Bit 7 of the timer A2/A4 mode register is ignored. (It may be “0” or “1.”)
Fig. 6.4.8 Timer A2, A3, and A4 mode registers when two-phase pulse signal processing function is selected



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com