Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7733 Datasheet(PDF) 135 Page - Renesas Technology Corp

Part # 7733
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  940 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7733 Datasheet(HTML) 135 Page - Renesas Technology Corp

Back Button 7733 Datasheet HTML 131Page - Renesas Technology Corp 7733 Datasheet HTML 132Page - Renesas Technology Corp 7733 Datasheet HTML 133Page - Renesas Technology Corp 7733 Datasheet HTML 134Page - Renesas Technology Corp 7733 Datasheet HTML 135Page - Renesas Technology Corp 7733 Datasheet HTML 136Page - Renesas Technology Corp 7733 Datasheet HTML 137Page - Renesas Technology Corp 7733 Datasheet HTML 138Page - Renesas Technology Corp 7733 Datasheet HTML 139Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 135 / 940 page
background image
TIMER A
7733 Group User’s Manual
6–24
6.4 Event counter mode
Fig. 6.4.4 Initial setting example for registers related to event counter mode (2)
Counting is started.
Setting of the count start flag to “1”
b7
b0
Count start flag (address 4016)
Timer A0 count start flag
Timer A1 count start flag
Timer A2 count start flag
Continued from
“Initial setting example for registers related to event counter mode (1)”
on the preceding page
Timer A3 count start flag
Timer A4 count start flag
Setting of the port P5 and port P6 direction registers
b7
b0
Port P5 direction register (address D16)
Pin TA0OUT
Pin TA0IN
Pin TA1OUT
Pin TA1IN
b7
b0
Port P6 direction register (address 1016)
Pin TA4OUT
Set a bit corresponding to pin TAiIN to “0.”
When the two-phase pulse signal processing function is selected, or
when pin TAiOUT’s input signal is selected as the up-down switching
factor, set a bit corresponding to pin TAiOUT to “0.”
Pin TA2OUT
Pin TA2IN
Pin TA3OUT
Pin TA3IN
Pin TA4IN
Setting of the interrupt priority level
b7
b0
Timer Ai interrupt control register
(addresses 7516 to 7916)
Interrupt priority level selection bits
When using interrupts, one of levels 1 to 7 must be set.
When disabling interrupts, level 0 must be set.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com