Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7733 Datasheet(PDF) 138 Page - Renesas Technology Corp

Part # 7733
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  940 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7733 Datasheet(HTML) 138 Page - Renesas Technology Corp

Back Button 7733 Datasheet HTML 134Page - Renesas Technology Corp 7733 Datasheet HTML 135Page - Renesas Technology Corp 7733 Datasheet HTML 136Page - Renesas Technology Corp 7733 Datasheet HTML 137Page - Renesas Technology Corp 7733 Datasheet HTML 138Page - Renesas Technology Corp 7733 Datasheet HTML 139Page - Renesas Technology Corp 7733 Datasheet HTML 140Page - Renesas Technology Corp 7733 Datasheet HTML 141Page - Renesas Technology Corp 7733 Datasheet HTML 142Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 138 / 940 page
background image
TIMER A
7733 Group User’s Manual
6–27
6.4.3 Selectable functions
The free-run count, pulse output, and two-phase pulse signal processing functions are described below.
(1) Free-run count function (Timers A2 to A4)
For timers A2 to A4, when the count type selection bit (bit 6 at addresses 5816 to 5A16) is set to “1,”
the free-run count function is selected. When the free-run count function is selected, although a timer
A2/A3/A4 interrupt request is generated at an overflow or underflow, the reload register’s contents is
not reloaded into the counter.
Figure 6.4.7 shows an operation example when the free-run count function is selected.
6.4 Event counter mode
Fig. 6.4.7 Operation example when free-run count function is selected (without pulse output function
and two-phase pulse signal processing function)
FFFF16
n
000016
Time
Count start
flag
Timer A2/A3/A4
interrupt request
bit
“1”
“1”
n = Reload register’s contents
Cleared to “0” when an interrupt request is accepted; otherwise, cleared by software
Set to “1” by software
Counting is started.
Up-down flag “1”
“0”
“0”
“0”
g The above is applied when the up-down flag’s contents is selected as the up-down switching factor
(i.e., up-down switching factor selection bit = “0”).
Set to “1” by software
Œ After an underflow, counter starts counting from FFFF16.
 After an overflow, counter starts counting from 000016.
Œ




Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com