Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7733 Datasheet(PDF) 142 Page - Renesas Technology Corp

Part # 7733
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  940 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7733 Datasheet(HTML) 142 Page - Renesas Technology Corp

Back Button 7733 Datasheet HTML 138Page - Renesas Technology Corp 7733 Datasheet HTML 139Page - Renesas Technology Corp 7733 Datasheet HTML 140Page - Renesas Technology Corp 7733 Datasheet HTML 141Page - Renesas Technology Corp 7733 Datasheet HTML 142Page - Renesas Technology Corp 7733 Datasheet HTML 143Page - Renesas Technology Corp 7733 Datasheet HTML 144Page - Renesas Technology Corp 7733 Datasheet HTML 145Page - Renesas Technology Corp 7733 Datasheet HTML 146Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 142 / 940 page
background image
TIMER A
7733 Group User’s Manual
6–31
[Precautions in event counter mode]
1. While counting is in progress, by reading out the timer Ai register, the counter value can be read at an
arbitrary timing. However, when reading is performed at the reload timing shown in Figure 6.4.11, value
“FFFF16” is read out at an underflow and value “000016” is read out at an overflow. If reading is performed
in the period from when a value is set into the timer Ai register with the counter stopped until the counter
starts counting, the set value is correctly read out.
6.4 Event counter mode
Fig. 6.4.11 Timer Ai register read out
2. Pin TAiOUT is used for all functions listed below. Therefore, only one of the following functions can be
used for one timer.
q Switching between countup and countdown by pin TAiOUT’s input signal
q Pulse output function
q Two-phase pulse signal processing function (Timers A2 to A4)
21
0
n
n – 1
Counter value
(Hex.)
21
0
FFFF n – 1
Read value
(Hex.)
Reload
Time
n = Reload register’s contents
(1) While counting down
FFFD FFFE FFFF
n
n + 1
FFFD FFFE FFFF 0000 n + 1
(2) While counting up
Counter value
(Hex.)
Read value
(Hex.)
Reload
Time
n = Reload register’s contents



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com