Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7733 Datasheet(PDF) 145 Page - Renesas Technology Corp

Part # 7733
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  940 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7733 Datasheet(HTML) 145 Page - Renesas Technology Corp

Back Button 7733 Datasheet HTML 141Page - Renesas Technology Corp 7733 Datasheet HTML 142Page - Renesas Technology Corp 7733 Datasheet HTML 143Page - Renesas Technology Corp 7733 Datasheet HTML 144Page - Renesas Technology Corp 7733 Datasheet HTML 145Page - Renesas Technology Corp 7733 Datasheet HTML 146Page - Renesas Technology Corp 7733 Datasheet HTML 147Page - Renesas Technology Corp 7733 Datasheet HTML 148Page - Renesas Technology Corp 7733 Datasheet HTML 149Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 145 / 940 page
background image
TIMER A
7733 Group User’s Manual
6–34
6.5.1 Setting for one-shot pulse mode
Figures 6.5.2 and 6.5.3 show an initial setting example for registers related to the one-shot pulse mode.
Note that when using interrupts, setting for enabling interrupts is required. For details, refer to chapter “4.
INTERRUPTS.”
6.5 One-shot pulse mode
Fig. 6.5.2 Initial setting example for registers related to one-shot pulse mode (1)
Continued to
“Initial setting example for registers related to one-shot pulse mode (2)”
on the next page
Setting of the interrupt priority level
b7
b0
Timer Ai interrupt control register
(addresses 7516 to 7916)
Interrupt priority level selection bits
When using interrupts, one of levels 1 to 7 must be set.
When disabling interrupts, level 0 must be set.
b7
b0
10
0
Selection of the one-shot pulse mode and each function
Timer Ai mode register (i = 0 to 4) (addresses 5616 to 5A16)
1
b4 b3
Trigger selection bits
0 X: Writing “1” to the one-shot start flag: Internal trigger
1 0: Falling edge of pin TAiIN’s input signal: External trigger
1 1: Rising edge of pin TAiIN’s input signal: External trigger
b7 b6
Count source selection bits
0 0: Clock f2
0 1: Clock f16
1 0: Clock f64
1 1: Clock f512
X: It may be “0” or “1.”
Clocks f2, f16, f64, and f512: Refer to chapter “14. CLOCK
GENERATING CIRCUIT.”
One-shot pulse mode is selected.
Setting of the one-shot pulse’s “H” level width
b7
b0
Values 000016 to FFFF16 (n) can be set.
(b15)
(b8)
b7
b0
Timer A0 register (addresses 4716, 4616)
Timer A1 register (addresses 4916, 4816)
Timer A2 register (addresses 4B16, 4A16)
Timer A3 register (addresses 4D16, 4C16)
Timer A4 register (addresses 4F16, 4E16)
g “H” level width = n/fi
fi = Frequency of the count source (f2, f16, f64, or f512)
However, if n = 000016, the counter does not operate and
pin TAiOUT outputs “L” level. At this time, no timer Ai
interrupt request is generated.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com