Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7733 Datasheet(PDF) 148 Page - Renesas Technology Corp

Part # 7733
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  940 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7733 Datasheet(HTML) 148 Page - Renesas Technology Corp

Back Button 7733 Datasheet HTML 144Page - Renesas Technology Corp 7733 Datasheet HTML 145Page - Renesas Technology Corp 7733 Datasheet HTML 146Page - Renesas Technology Corp 7733 Datasheet HTML 147Page - Renesas Technology Corp 7733 Datasheet HTML 148Page - Renesas Technology Corp 7733 Datasheet HTML 149Page - Renesas Technology Corp 7733 Datasheet HTML 150Page - Renesas Technology Corp 7733 Datasheet HTML 151Page - Renesas Technology Corp 7733 Datasheet HTML 152Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 148 / 940 page
background image
TIMER A
7733 Group User’s Manual
6–37
6.5.3 Trigger
The counter enters the count enable state when the count start flag (address 4016) is set to “1.” And then,
the counter starts counting when a trigger occurs. An internal or external trigger can be selected as this
trigger.
An internal trigger is selected when the trigger selection bits (bits 4 and 3 at addresses 5616 to 5A16) are
“002” or “012”; an external trigger is selected when the trigger selection bits are “102” or “112.”
When a trigger occurs during counting, the reload register’s contents is reloaded and the counter continues
counting. When generating a trigger during counting, make sure that a certain time which is equivalent to
two cycles of the timer’s count source or more has passed between the trigger previously generated and
a new trigger.
(1) When internal trigger is selected
A trigger is generated when the one-shot start flag (address 4216) is set to “1.” Figure 6.5.4 shows
the structure of the one-shot start flag.
(2) When external trigger is selected
A trigger is generated at the falling edge of pin TAiIN’s input signal when bit 3 at addresses 5616 to
5A16 = “0” or at the rising edge of pin TAiIN’s input signal when bit 3 = “1.”
When using an external trigger, set the port P5 or P6 direction register’s bit which corresponds to pin
TAiIN’s for the input mode.
6.5 One-shot pulse mode
Fig. 6.5.4 Structure of one-shot start flag
Bit
7 to 5
Not implemented.
4
Timer A4 one-shot start flag
3
Timer A3 one-shot start flag
2
Timer A2 one-shot start flag
1
Timer A1 one-shot start flag
0
Timer A0 one-shot start flag
Bit name
At reset
0
0
Undefined
0
0
0
RW
Functions
b7
b6
b5
b4
b3
b2
b1
b0
One-shot start flag (address 4216)
1: One-shot pulse output is started.
(Valid when the internal trigger
is selected).
“0” at reading.
WO
WO
WO
WO
WO
–



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com