Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7733 Datasheet(PDF) 151 Page - Renesas Technology Corp

Part # 7733
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  940 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7733 Datasheet(HTML) 151 Page - Renesas Technology Corp

Back Button 7733 Datasheet HTML 147Page - Renesas Technology Corp 7733 Datasheet HTML 148Page - Renesas Technology Corp 7733 Datasheet HTML 149Page - Renesas Technology Corp 7733 Datasheet HTML 150Page - Renesas Technology Corp 7733 Datasheet HTML 151Page - Renesas Technology Corp 7733 Datasheet HTML 152Page - Renesas Technology Corp 7733 Datasheet HTML 153Page - Renesas Technology Corp 7733 Datasheet HTML 154Page - Renesas Technology Corp 7733 Datasheet HTML 155Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 151 / 940 page
background image
TIMER A
7733 Group User’s Manual
6–40
[Precautions in one-shot pulse mode]
1. When the count start flag is cleared to “0” during counting, the followings are performed.
•The counter stops counting, and the reload register’s contents is reloaded.
•Pin TAiOUT’s output level becomes “L.”
•An interrupt request is generated, and a timer Ai interrupt request bit is set to “1.”
2. A one-shot pulse is output synchronously with an internally generated count source. Therefore, when an
external trigger is selected, in the period from when a trigger is input to pin TAiIN until a one-shot pulse
is output, there will be a delay equivalent to one cycle of the count source at maximum.
6.5 One-shot pulse mode
Fig. 6.5.6 Delay in one-shot pulse output
3. When a timer’s operating mode is set by the procedure listed below, a timer Ai interrupt request bit is
set to “1.”
q When the one-shot pulse mode is selected after reset
q When the operating mode is switched from the timer mode to the one-shot pulse mode
q When the operating mode is switched from the event counter mode to the one-shot pulse mode
Therefore, when using a timer Ai interrupt (Interrupt request bit), be sure to clear the timer Ai interrupt
request bit to “0” after setting the above.
g The above is applied when an external trigger (Falling edge of pin TAiIN’s input signal) is selected.
Pin TAiIN’s
input signal
“H”
“L”
Count
source
Trigger input
One-shot pulse output is started.
One-shot pulse
output from
pin TAiOUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com