Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7733 Datasheet(PDF) 155 Page - Renesas Technology Corp

Part # 7733
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  940 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7733 Datasheet(HTML) 155 Page - Renesas Technology Corp

Back Button 7733 Datasheet HTML 151Page - Renesas Technology Corp 7733 Datasheet HTML 152Page - Renesas Technology Corp 7733 Datasheet HTML 153Page - Renesas Technology Corp 7733 Datasheet HTML 154Page - Renesas Technology Corp 7733 Datasheet HTML 155Page - Renesas Technology Corp 7733 Datasheet HTML 156Page - Renesas Technology Corp 7733 Datasheet HTML 157Page - Renesas Technology Corp 7733 Datasheet HTML 158Page - Renesas Technology Corp 7733 Datasheet HTML 159Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 155 / 940 page
background image
TIMER A
7733 Group User’s Manual
6–44
6.6 Pulse width modulation (PWM) mode
Fig. 6.6.3 Initial setting example for registers related to PWM mode (2)
Counting is started.
Trigger input to
pin TAiIN
When the external
trigger is selected
When the internal trigger is selected
Continued from
“Initial setting example for registers related to PWM mode (1)”
on the preceding page
Trigger is generated.
b7
b0
Port P5 direction register
(address D16)
Setting of the port P5 and port P6 direction registers
Pin TA0IN
Pin TA1IN
Pin TA2IN
Pin TA3IN
Pin TA4IN
b7
b0
Clear the corresponding bit to “0.”
Port P6 direction register
(address 1016)
Setting of the interrupt priority level
b7
b0
Timer Ai interrupt control register
(addresses 7516 to 7916)
Interrupt priority level selection bits
When using interrupts, one of levels 1 to 7
must be set.
When disabling interrupts, level 0 must
be set.
Setting of the count start flag to “1”
b7
b0
Count start flag (address 4016)
Timer A1 count start flag
Timer A2 count start flag
Timer A3 count start flag
Timer A4 count start flag
Timer A0 count start flag
Setting of the count start flag to “1”
b7
b0
Count start flag (address 4016)
Timer A1 count start flag
Timer A2 count start flag
Timer A3 count start flag
Timer A4 count start flag
Timer A0 count start flag



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com