Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7733 Datasheet(PDF) 158 Page - Renesas Technology Corp

Part # 7733
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  940 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7733 Datasheet(HTML) 158 Page - Renesas Technology Corp

Back Button 7733 Datasheet HTML 154Page - Renesas Technology Corp 7733 Datasheet HTML 155Page - Renesas Technology Corp 7733 Datasheet HTML 156Page - Renesas Technology Corp 7733 Datasheet HTML 157Page - Renesas Technology Corp 7733 Datasheet HTML 158Page - Renesas Technology Corp 7733 Datasheet HTML 159Page - Renesas Technology Corp 7733 Datasheet HTML 160Page - Renesas Technology Corp 7733 Datasheet HTML 161Page - Renesas Technology Corp 7733 Datasheet HTML 162Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 158 / 940 page
background image
TIMER A
7733 Group User’s Manual
6–47
6.6.4 Operation in PWM mode
Œ When the PWM mode is selected by the operating mode selection bits, pin TAiOUT outputs “L” level.
 When a trigger occurs, the counter (Pulse width modulator) starts counting and pin TAiOUT outputs a
PWM pulse (Notes 1 and 2).
Ž A timer Ai interrupt request bit is set to “1” each time the PWM pulse level changes from “H” to “L.”
After this, the interrupt request bit remains set to “1” until the interrupt request is accepted or the
interrupt request bit is cleared to “0” by software.
 Each time a PWM pulse is output for one period, the reload register’s contents is reloaded and counting
is continued.
Operation of the pulse width modulator is described below.
[16-bit pulse width modulator]
When the 16/8-bit PWM mode selection bit is set to “0,” the counter operates as a 16-bit pulse width
modulator. Each of Figures 6.6.4 and 6.6.5 shows an operation example of the 16-bit pulse width modulator.
[8-bit pulse width modulator]
When the 16/8-bit PWM mode selection bit is set to “1,” the counter is divided into 8-bit halves. Then, the
high-order 8 bits operate as an 8-bit pulse width modulator, and the low-order 8 bits operate as an 8-bit
prescaler. Each of Figures 6.6.6 and 6.6.7 shows an operation example of the 8-bit pulse width modulator.
Notes 1: If a value of “000016” is set in the timer Ai register when the counter operates as a 16-bit pulse
width modulator, the pulse width modulator does not operate and the output level of pin TAiOUT
remains “L.” Nor is a timer Ai interrupt request generated. These operations are also applied to
the case where a value of “0016” is set in high-order 8 bits of the timer Ai register when the
counter operates as an 8-bit pulse width modulator.
2: When the counter operates as an 8-bit pulse width modulator, after a trigger occurs, pin TAiOUT
outputs “L” level of which width is the same as the PWM pulse’s “H” level width which was set.
And then, pin TAiOUT starts the PWM pulse output.
6.6 Pulse width modulation (PWM) mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com