Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7733 Datasheet(PDF) 162 Page - Renesas Technology Corp

Part # 7733
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  940 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7733 Datasheet(HTML) 162 Page - Renesas Technology Corp

Back Button 7733 Datasheet HTML 158Page - Renesas Technology Corp 7733 Datasheet HTML 159Page - Renesas Technology Corp 7733 Datasheet HTML 160Page - Renesas Technology Corp 7733 Datasheet HTML 161Page - Renesas Technology Corp 7733 Datasheet HTML 162Page - Renesas Technology Corp 7733 Datasheet HTML 163Page - Renesas Technology Corp 7733 Datasheet HTML 164Page - Renesas Technology Corp 7733 Datasheet HTML 165Page - Renesas Technology Corp 7733 Datasheet HTML 166Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 162 / 940 page
background image
TIMER A
7733 Group User’s Manual
6–51
[Precautions in PWM mode]
1. When the count start flag is cleared to “0” while a PWM pulse is output, the counter stops counting. At
this time, if pin TAiOUT outputs “H” level, the output level becomes “L” and a timer Ai interrupt request
bit is set to “1.” If pin TAiOUT outputs “L” level, the output level does not change and a timer Ai interrupt
request is not generated.
2. When a timer’s operating mode is set by the procedure listed below, a timer Ai interrupt request bit is
set to “1.”
q When the PWM mode is selected after reset
q When the operating mode is switched from the timer mode to the PWM mode
q When the operating mode is switched from the event counter mode to the PWM mode
Therefore, when using a timer Ai interrupt (Interrupt request bit), be sure to clear the timer Ai interrupt
request bit to “0” after setting the above.
6.6 Pulse width modulation (PWM) mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com