Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7733 Datasheet(PDF) 160 Page - Renesas Technology Corp

Part # 7733
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  940 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7733 Datasheet(HTML) 160 Page - Renesas Technology Corp

Back Button 7733 Datasheet HTML 156Page - Renesas Technology Corp 7733 Datasheet HTML 157Page - Renesas Technology Corp 7733 Datasheet HTML 158Page - Renesas Technology Corp 7733 Datasheet HTML 159Page - Renesas Technology Corp 7733 Datasheet HTML 160Page - Renesas Technology Corp 7733 Datasheet HTML 161Page - Renesas Technology Corp 7733 Datasheet HTML 162Page - Renesas Technology Corp 7733 Datasheet HTML 163Page - Renesas Technology Corp 7733 Datasheet HTML 164Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 160 / 940 page
background image
TIMER A
7733 Group User’s Manual
6–49
6.6 Pulse width modulation (PWM) mode
Fig. 6.6.6 Operation example of 8-bit pulse width modulator
Œ Count source
Pin TAiIN’s
input signal
1 / fi ! (m + 1) ! (28 – 1)
1 / fi ! (m + 1) ! (n)
PWM pulse output
from pin TAiOUT
g The above is applied when the following conditions are satisfied:
•Reload register’s high-order 8 bits = “0216”
•Reload register’s low-order 8 bits = “0216”
•When an external trigger (Falling edge of pin TAiIN’s input signal) is selected.
“H”
“H”
“H”
“L”
“L”
“L”
“1”
“0”
Timer Ai interrupt
request bit
Cleared to “0” when an interrupt request is accepted; otherwise, cleared
by software
fi: Frequency of the count source
(f2, f16, f64, or f512)
Œ 8-bit prescaler counts the count source.
 8-bit pulse width modulator counts the 8-bit prescaler’s underflow signal.
 8-bit prescaler’s
underflow signal
1 / fi ! (m + 1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com