Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7733 Datasheet(PDF) 157 Page - Renesas Technology Corp

Part # 7733
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  940 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7733 Datasheet(HTML) 157 Page - Renesas Technology Corp

Back Button 7733 Datasheet HTML 153Page - Renesas Technology Corp 7733 Datasheet HTML 154Page - Renesas Technology Corp 7733 Datasheet HTML 155Page - Renesas Technology Corp 7733 Datasheet HTML 156Page - Renesas Technology Corp 7733 Datasheet HTML 157Page - Renesas Technology Corp 7733 Datasheet HTML 158Page - Renesas Technology Corp 7733 Datasheet HTML 159Page - Renesas Technology Corp 7733 Datasheet HTML 160Page - Renesas Technology Corp 7733 Datasheet HTML 161Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 157 / 940 page
background image
TIMER A
7733 Group User’s Manual
6–46
6.6.3 Trigger
When a trigger occurs, pin TAiOUT starts the PWM pulse output. An internal or external trigger can be
selected as this trigger.
An internal trigger is selected when the trigger selection bits (bits 4 and 3 at addresses 5616 to 5A16) are
“002” or “012”; an external trigger is selected when the trigger selection bits are “102” or “112.”
A trigger generated during PWM pulse output is invalid and does not affect the pulse output operation.
(1) When internal trigger is selected
A trigger is generated when the count start flag (address 4016) is set to “1.”
(2) When external trigger is selected
A trigger is generated at the falling edge of the pin TAiIN’s input signal when bit 3 at addresses 5616
to 5A16 = “0” or at the rising edge of the pin TAiIN’s input signal when bit 3 = “1.” However, a trigger
input is accepted only when the count start flag = “1.”
When using an external trigger, set the port P5 or P6 direction register’s bit which corresponds to pin
TAiIN for the input mode.
6.6 Pulse width modulation (PWM) mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com