Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7733 Datasheet(PDF) 154 Page - Renesas Technology Corp

Part # 7733
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  940 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7733 Datasheet(HTML) 154 Page - Renesas Technology Corp

Back Button 7733 Datasheet HTML 150Page - Renesas Technology Corp 7733 Datasheet HTML 151Page - Renesas Technology Corp 7733 Datasheet HTML 152Page - Renesas Technology Corp 7733 Datasheet HTML 153Page - Renesas Technology Corp 7733 Datasheet HTML 154Page - Renesas Technology Corp 7733 Datasheet HTML 155Page - Renesas Technology Corp 7733 Datasheet HTML 156Page - Renesas Technology Corp 7733 Datasheet HTML 157Page - Renesas Technology Corp 7733 Datasheet HTML 158Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 154 / 940 page
background image
TIMER A
7733 Group User’s Manual
6–43
6.6.1 Setting for PWM mode
Figures 6.6.2 and 6.6.3 show an initial setting example for registers related to the PWM mode.
Note that when using interrupts, setting for enabling interrupts is required. For details, refer to chapter “4.
INTERRUPTS.”
6.6 Pulse width modulation (PWM) mode
Fig. 6.6.2 Initial setting example for registers related to PWM mode (1)
b7
b0
Count source selection bits
0 0: Clock f2
0 1: Clock f16
1 0: Clock f64
1 1: Clock f512
11
Selection of PWM mode and each function
Timer Ai mode register (i = 0 to 4) (addresses 5616 to 5A16)
b7 b6
1
16/8-bit PWM mode selection bit
0: The counter operates as 16-bit pulse width modulator.
1: The counter operates as 8-bit pulse width modulator.
Continued to
“Initial setting example for registers related to PWM mode (2)”
on the next page
Trigger selection bits
0 X: Writing “1” to the count start flag: Internal trigger
1 0: Falling edge of pin TAiIN’s input signal: External trigger
1 1: Rising edge of pin TAiIN’s input signal: External trigger
b4 b3
X: It may be “0” or “1.”
Clocks f2, f16, f64, and f512: Refer to chapter “14. CLOCK
GENERATING CIRCUIT.”
PWM mode selected
Setting of PWM pulse’s period and “H” level width
b7
b0
Values 000016 to FFFE16 (n) can be set.
(b15)
(b8)
b7
b0
Timer A0 register (addresses 4716, 4616)
Timer A1 register (addresses 4916, 4816)
Timer A2 register (addresses 4B16, 4A16)
Timer A3 register (addresses 4D16, 4C16)
Timer A4 register (addresses 4F16, 4E16)
g When operating as a 16-bit pulse width modulator
Period = (216 – 1)/fi
fi: Frequency of the count source (f2, f16, f64, or f512)
However, if n = 000016, the pulse width modulator does not
operate and pin TAiOUT outputs “L” level. At this time, no timer
Ai interrupt request is generated.
sWhen operating as a 16-bit pulse width modulator
b7
b0
Values 0016 to FF16 (m) can be set.
(b15)
(b8)
b7
b0
sWhen operating as an 8-bit pulse width modulator
Values 0016 to FE16 (n) can be set.
g When operating as an 8-bit pulse width modulator
Period = (m+1) (28 – 1)/fi
“H” level width = n(m + 1)/fi
fi: Frequency of the count source (f2, f16, f64, or f512)
However, if n = 0016, the pulse width modulator does not
operate and pin TAiOUT outputs “L” level. At this time, no
timer Ai interrupt request is generated.
Timer A0 register (addresses 4716, 4616)
Timer A1 register (addresses 4916, 4816)
Timer A2 register (addresses 4B16, 4A16)
Timer A3 register (addresses 4D16, 4C16)
Timer A4 register (addresses 4F16, 4E16)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com