Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7733 Datasheet(PDF) 152 Page - Renesas Technology Corp

Part # 7733
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  940 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7733 Datasheet(HTML) 152 Page - Renesas Technology Corp

Back Button 7733 Datasheet HTML 148Page - Renesas Technology Corp 7733 Datasheet HTML 149Page - Renesas Technology Corp 7733 Datasheet HTML 150Page - Renesas Technology Corp 7733 Datasheet HTML 151Page - Renesas Technology Corp 7733 Datasheet HTML 152Page - Renesas Technology Corp 7733 Datasheet HTML 153Page - Renesas Technology Corp 7733 Datasheet HTML 154Page - Renesas Technology Corp 7733 Datasheet HTML 155Page - Renesas Technology Corp 7733 Datasheet HTML 156Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 152 / 940 page
background image
TIMER A
7733 Group User’s Manual
6–41
6.6 Pulse width modulation (PWM) mode (Bits 1 and 0 of timer Ai mode register = “112”)
In this mode, a pulse which has an arbitrary width is output in succession. (Refer to Table 6.6.1.) Figure
6.6.1 shows the structures of the timer Ai mode register and timer Ai register in the PWM mode.
Table 6.6.1 Specifications of PWM mode
6.6 Pulse width modulation (PWM) mode
Item
Count source
Count operation
Specifications
Clock f2, f16, f64, or f512
q Countdown (Operates as an 8-bit or 16-bit pulse width modulator)
q Reload register’s contents is reloaded at the rising edge of PWM
pulse, and counting is continued.
q A trigger generated during counting does not affect the counting.
PWM period and “H” level width
216 – 1
fi
Period =
[s]
“H” level width =
K
fi
[s]
<8-bit pulse width modulator>
<16-bit pulse width modulator>
(m + 1)(28 – 1)
fi
Period =
“H” level width =
n(m + 1)
fi
[s]
[s]
K: Set value in the timer Ai register
m: Set value in the low-order 8
bits of the timer Ai register
n: Set value in the high-order 8
bits of the timer Ai register
Count start condition
Count stop condition
Interrupt request occurrence timing
Pin TAiIN’s function
Pin TAiOUT’s function
Read from timer
Write to timer
q When a trigger occurs.
q Internal or external trigger can be selected by software.
When the count start flag is cleared to “0.”
At the falling edge of PWM pulse
Programmable I/O port or trigger input
PWM pulse output
An undefined value is read out by reading the timer Ai register.
s While counting is stopped
When a value is written to the timer Ai register, it is written to both
of the reload register and counter.
s While counting is in progress
When a value is written to the timer Ai register, it is written only to
the reload register.
Clocks f2, f16, f64, and f512: Refer to chapter “14. CLOCK GENERATING CIRCUIT.”



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com