Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7733 Datasheet(PDF) 149 Page - Renesas Technology Corp

Part # 7733
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  940 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7733 Datasheet(HTML) 149 Page - Renesas Technology Corp

Back Button 7733 Datasheet HTML 145Page - Renesas Technology Corp 7733 Datasheet HTML 146Page - Renesas Technology Corp 7733 Datasheet HTML 147Page - Renesas Technology Corp 7733 Datasheet HTML 148Page - Renesas Technology Corp 7733 Datasheet HTML 149Page - Renesas Technology Corp 7733 Datasheet HTML 150Page - Renesas Technology Corp 7733 Datasheet HTML 151Page - Renesas Technology Corp 7733 Datasheet HTML 152Page - Renesas Technology Corp 7733 Datasheet HTML 153Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 149 / 940 page
background image
TIMER A
7733 Group User’s Manual
6–38
6.5.4 Operation in one-shot pulse mode
Œ When the one-shot pulse mode is selected by the operating mode selection bits, pin TAiOUT outputs “L”
level.
 When the count start flag is set to “1,” the counter enters the count enable state, and then it starts
counting if a trigger occurs.
Ž When the counter starts counting, pin TAiOUT’s output level becomes “H.” (However, if value “000016”
is set in the timer Ai register, the counter does not operate and the output level of pin TAiOUT remains
“L.” Nor is a timer Ai interrupt request generated.)
 When the counter value reaches “000016,” the output level of pin TAiOUT becomes “L.” And then, the
reload register’s contents is reloaded, and the counter stops counting.
 Simultaneously with , a timer Ai interrupt request bit is set to “1.”
After this, the interrupt request bit remains set to “1” until the interrupt request is accepted or the
interrupt request bit is cleared to “0” by software.
Figure 6.5.5 shows an operation example in the one-shot pulse mode.
When a trigger occurs after  above, the counter and pin TAiOUT perform the same operations beginning
from  again. When a trigger occurs during counting, the counter down-counts once after this new trigger
occurs. And then, the reload register’s contents is reloaded and counting is continued. When generating
a trigger during counting, make sure that a certain time which is equivalent to two cycles of the timer’s
count source or more has passed between the trigger previously generated and a new trigger.
The one-shot pulse output from pin TAiOUT can be disabled by clearing the timer Ai mode register’s bit 2
to “0.” Therefore, timer Ai can be used as an internal one-shot timer that does not output the pulse. (In
this case, pin TAiOUT functions as a programmable I/O port.)
6.5 One-shot pulse mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com