Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7733 Datasheet(PDF) 147 Page - Renesas Technology Corp

Part # 7733
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  940 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7733 Datasheet(HTML) 147 Page - Renesas Technology Corp

Back Button 7733 Datasheet HTML 143Page - Renesas Technology Corp 7733 Datasheet HTML 144Page - Renesas Technology Corp 7733 Datasheet HTML 145Page - Renesas Technology Corp 7733 Datasheet HTML 146Page - Renesas Technology Corp 7733 Datasheet HTML 147Page - Renesas Technology Corp 7733 Datasheet HTML 148Page - Renesas Technology Corp 7733 Datasheet HTML 149Page - Renesas Technology Corp 7733 Datasheet HTML 150Page - Renesas Technology Corp 7733 Datasheet HTML 151Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 147 / 940 page
background image
TIMER A
7733 Group User’s Manual
6–36
6.5.2 Count source
In the one-shot pulse mode, by the count source selection bits (bits 7 and 6 at addresses 5616 to 5A16),
a count source can be selected. Table 6.5.2 lists the relationship between the count source selection bits
and count source.
Table 6.5.2 Relationship between count source selection bits and count source
6.5 One-shot pulse mode
Count
source
f2
f16
f64
f512
b7
0
0
1
1
b6
0
1
0
1
Frequency of count source
When system clock = 25 MHz
When system clock = 16 MHz
When system clock = 8 MHz
Clocks f2, f16, f64, f512
, and system clock: Refer to chapter “14. CLOCK GENERATING CIRCUIT.”
Note: The above is applied when the system clock selection bit (bit 3 at address 6C16) = “0” and the main
clock division selection bit (bit 0 at address 6F16) = “0.” (For details, refer to chapter “14. CLOCK
GENERATING CIRCUIT.”)
12.5 MHz
1.5625 MHz
390.625 kHz
48.8281 kHz
8 MHz
1 MHz
250 kHz
31.25 kHz
4 MHz
500 kHz
125 kHz
15.625 kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com