Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7733 Datasheet(PDF) 143 Page - Renesas Technology Corp

Part # 7733
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  940 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7733 Datasheet(HTML) 143 Page - Renesas Technology Corp

Back Button 7733 Datasheet HTML 139Page - Renesas Technology Corp 7733 Datasheet HTML 140Page - Renesas Technology Corp 7733 Datasheet HTML 141Page - Renesas Technology Corp 7733 Datasheet HTML 142Page - Renesas Technology Corp 7733 Datasheet HTML 143Page - Renesas Technology Corp 7733 Datasheet HTML 144Page - Renesas Technology Corp 7733 Datasheet HTML 145Page - Renesas Technology Corp 7733 Datasheet HTML 146Page - Renesas Technology Corp 7733 Datasheet HTML 147Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 143 / 940 page
background image
TIMER A
7733 Group User’s Manual
6–32
6.5 One-shot pulse mode (Bits 1 and 0 of timer Ai mode register = “102”)
In this mode, a pulse which has an arbitrary width is output once. (Refer to Table 6.5.1.) After a trigger
occurs, “H” level is output from pin TAiOUT for an arbitrary time. Figure 6.5.1 shows the structures of the
timer Ai mode register and timer Ai register in the one-shot pulse mode.
Table 6.5.1 Specifications of one-shot pulse mode
6.5 One-shot pulse mode
Item
Count source
Count operation
Output pulse width (“H”)
Count start condition
Count stop condition
Interrupt request occurrence timing
Pin TAiIN’s function
Pin TAiOUT’s function
Read from timer
Write to timer
Specifications
Clock f2, f16, f64, or f512
q Countdown
q When the counter value reaches “000016,” the reload register’s contents
is reloaded, and counting stops.
q When a trigger occurs while counting is in progress, the reload
register’s contents is reloaded, and counting is continued.
n
fi
n: Set value in the timer Ai register
q When a trigger occurs. (Note)
q Internal or external trigger can be selected by software.
q When the counter value reaches “000016.”
q When the count start flag is cleared to “0.”
When counting stops.
Programmable I/O port or trigger input
One-shot pulse output
An undefined value is read out by reading the timer Ai register.
s While counting is stopped
When a value is written to the timer Ai register, it is written to both
of the reload register and counter.
s While counting is in progress
When a value is written to the timer Ai register, it is written only to
the reload register. (Transferred to the counter at the next reload
time.)
[s]
Clocks f2, f16, f64, and f512: Refer to chapter “14. CLOCK GENERATING CIRCUIT.”
Note: A trigger occurs when the count start flag = “1.”



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com