Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7733 Datasheet(PDF) 159 Page - Renesas Technology Corp

Part # 7733
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  940 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7733 Datasheet(HTML) 159 Page - Renesas Technology Corp

Back Button 7733 Datasheet HTML 155Page - Renesas Technology Corp 7733 Datasheet HTML 156Page - Renesas Technology Corp 7733 Datasheet HTML 157Page - Renesas Technology Corp 7733 Datasheet HTML 158Page - Renesas Technology Corp 7733 Datasheet HTML 159Page - Renesas Technology Corp 7733 Datasheet HTML 160Page - Renesas Technology Corp 7733 Datasheet HTML 161Page - Renesas Technology Corp 7733 Datasheet HTML 162Page - Renesas Technology Corp 7733 Datasheet HTML 163Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 159 / 940 page
background image
TIMER A
7733 Group User’s Manual
6–48
6.6 Pulse width modulation (PWM) mode
Fig. 6.6.4 Operation example of 16-bit pulse width modulator
Fig. 6.6.5 Operation example of 16-bit pulse width modulator (when counter value is updated during
pulse output)
1 / fi ! (216 – 1)
1 / fi ! (n)
Count source
Pin TAiIN’s input signal
PWM pulse output
from pin TAiOUT
g The above is applied when the reload register = 000316 and an external trigger (Rising edge of pin
TAiIN’s input signal) is selected.
Trigger is not generated by this signal.
“H”
“H”
“L”
“L”
Timer Ai interrupt
request bit
“1”
“0”
Cleared to “0” when an interrupt request is accepted;
otherwise, cleared by software
fi: Frequency of the count source
(f2, f16, f64, or f512)
PWM pulse
output from
pin TAiOUT
Œ When an arbitrary value is reset to the timer Ai register after value “000016” is set to it, the rising timing of PWM
pulse depends on this reset timing.
g The above is applied when an external trigger (Rising edge of pin TAiIN’s input signal) is selected.
FFFE16
n
000116
Pin TAiIN’s
input signal
“H”
“L”
“H”
“L”
(1 / fi) ! (216 – 1)
(216 – 1) – n
(1 / fi) ! (216 – 1)
Œ
Value “000016” is set to
the timer Ai register.
Value “200016” is set to
the timer Ai register.
200016
Value “FFFE16” is set to
the timer Ai register.
n = Reload register’s contents
fi: Frequency of the count source
(f2, f16, f64, or f512)
Counting is
restarted.
Counting is
stopped.
Time
(1 / fi) ! (216 – 1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com