Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7733 Datasheet(PDF) 132 Page - Renesas Technology Corp

Part # 7733
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  940 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7733 Datasheet(HTML) 132 Page - Renesas Technology Corp

Back Button 7733 Datasheet HTML 128Page - Renesas Technology Corp 7733 Datasheet HTML 129Page - Renesas Technology Corp 7733 Datasheet HTML 130Page - Renesas Technology Corp 7733 Datasheet HTML 131Page - Renesas Technology Corp 7733 Datasheet HTML 132Page - Renesas Technology Corp 7733 Datasheet HTML 133Page - Renesas Technology Corp 7733 Datasheet HTML 134Page - Renesas Technology Corp 7733 Datasheet HTML 135Page - Renesas Technology Corp 7733 Datasheet HTML 136Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 132 / 940 page
background image
TIMER A
7733 Group User’s Manual
6–21
6.4 Event counter mode
Fig. 6.4.1 Structures of timer A0 and A1 mode registers and timer A0 and A1 registers in event
counter mode
Timer A0 mode register (address 5616)
Timer A1 mode register (address 5716)
b7
b6
b5
b4
b3
b2
b1
b0
00 1
Bit
4
Up-down switching factor
selection bit
3
Count polarity selection bit
Bit name
6
These bits are ignored in the event counter mode.
5
Must be fixed to “0” in the event counter mode.
7
Functions
0: Counts at falling edge of external signal
1: Counts at rising edge of external signal
0: Contents of the up-down flag
1: A signal which is input to pin TA0OUT or TA1OUT
At reset
0
0
0
0
0
RW
2
Pulse output function
selection bit
0
Operating mode selection
bits
1
0: No pulse is output. (Pin TA0OUT or TA1OUT
functions as a programmable I/O port.)
1: Pulse is output. (Pin TA0OUT or TA1OUT
functions as a pulse output pin.)
0 1: Event counter mode
b1 b0
0
0
0
b7
b0 b7
b0
(b15)
(b8)
Timer A0 register (addresses 4716, 4616)
Timer A1 register (addresses 4916, 4816)
RW
15 to 0 Values 000016 to FFFF16 can be set.
Assuming that the set value = n, counter
divides the count source frequency by (n + 1)
in down-counting, or by (FFFF16 – n + 1) in up-
counting.
At reading this register, the counter value is
read out.
Undefined
Bit
Functions
At reset
RW
RW
RW
RW
RW
RW
RW
RW
RW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com