Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7733 Datasheet(PDF) 125 Page - Renesas Technology Corp

Part # 7733
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  940 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7733 Datasheet(HTML) 125 Page - Renesas Technology Corp

Back Button 7733 Datasheet HTML 121Page - Renesas Technology Corp 7733 Datasheet HTML 122Page - Renesas Technology Corp 7733 Datasheet HTML 123Page - Renesas Technology Corp 7733 Datasheet HTML 124Page - Renesas Technology Corp 7733 Datasheet HTML 125Page - Renesas Technology Corp 7733 Datasheet HTML 126Page - Renesas Technology Corp 7733 Datasheet HTML 127Page - Renesas Technology Corp 7733 Datasheet HTML 128Page - Renesas Technology Corp 7733 Datasheet HTML 129Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 125 / 940 page
background image
TIMER A
7733 Group User’s Manual
6–14
6.3.3 Operation in timer mode
Œ When the count start flag is set to “1,” the counter starts counting of the count source.
 When an underflow occurs, the reload register’s contents is reloaded, and then counting is continued.
Ž The timer Ai interrupt request bit is set to “1” when the underflow occurs in .
After this, the interrupt request bit remains set to “1” until the interrupt request is accepted or the
interrupt request bit is cleared to “0” by software.
Figure 6.3.4 shows an operation example in the timer mode.
6.3 Timer mode
Fig. 6.3.4 Operation example in timer mode (without pulse output and gate functions)
Counting is stopped.
Counting is restarted.
FFFF16
n
000016
Time
Count start flag
Timer Ai interrupt
request bit
“1”
“1”
n = Reload register’s contents
Cleared to “0” when an interrupt request is
accepted; otherwise, cleared by software
Set to “1” by software
Counting is started.
Set to “1” by software
“0”
“0”
1 / fi ! (n + 1)
fi = Frequency of count source
(f2, f16, f64, f512)
Cleared to “0” by software



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com