Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7733 Datasheet(PDF) 122 Page - Renesas Technology Corp

Part # 7733
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  940 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7733 Datasheet(HTML) 122 Page - Renesas Technology Corp

Back Button 7733 Datasheet HTML 118Page - Renesas Technology Corp 7733 Datasheet HTML 119Page - Renesas Technology Corp 7733 Datasheet HTML 120Page - Renesas Technology Corp 7733 Datasheet HTML 121Page - Renesas Technology Corp 7733 Datasheet HTML 122Page - Renesas Technology Corp 7733 Datasheet HTML 123Page - Renesas Technology Corp 7733 Datasheet HTML 124Page - Renesas Technology Corp 7733 Datasheet HTML 125Page - Renesas Technology Corp 7733 Datasheet HTML 126Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 122 / 940 page
background image
TIMER A
7733 Group User’s Manual
6–11
6.3.1 Setting for timer mode
Figures 6.3.2 and 6.3.3 show an initial setting example for registers related to the timer mode.
Note that when using interrupts, setting for enabling interrupts is required. For details, refer to chapter “4.
INTERRUPTS.”
6.3 Timer mode
Fig. 6.3.2 Initial setting example for registers related to timer mode (1)
g Counter divides the count source frequency by (n + 1).
b7
b0
Pulse output function selection bit
0: No pulse is output.
1: Pulse is output.
00
0
Selection of the timer mode and each function
Timer Ai mode register (i = 0 to 4) (addresses 5616 to 5A16)
X: It may be either “0” or “1.”
Clocks f2, f16, f64, and f512: Refer to chapter
“14. CLOCK GENERATING CIRCUIT.”
b7 b6
b4 b3
Gate function selection bits
0 X: No gate function
1 0: Counter counts only while pin TAiIN’s input signal level is “L.”
1 1: Counter counts only while pin TAiIN’s input signal level is “H.”
Count source selection bits
0 0: Clock f2
0 1: Clock f16
1 0: Clock f64
1 1: Clock f512
Timer mode is selected.
Setting of the division ratio
b7
b0
Values 000016 to FFFF16 (n) can be set.
(b15)
(b8)
b7
b0
Timer A0 register (addresses 4716, 4616)
Timer A1 register (addresses 4916, 4816)
Timer A2 register (addresses 4B16, 4A16)
Timer A3 register (addresses 4D16, 4C16)
Timer A4 register (addresses 4F16, 4E16)
Continued to
“Initial setting example for registers related to timer mode (2)”
on the next page



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com