Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7733 Datasheet(PDF) 119 Page - Renesas Technology Corp

Part # 7733
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  940 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7733 Datasheet(HTML) 119 Page - Renesas Technology Corp

Back Button 7733 Datasheet HTML 115Page - Renesas Technology Corp 7733 Datasheet HTML 116Page - Renesas Technology Corp 7733 Datasheet HTML 117Page - Renesas Technology Corp 7733 Datasheet HTML 118Page - Renesas Technology Corp 7733 Datasheet HTML 119Page - Renesas Technology Corp 7733 Datasheet HTML 120Page - Renesas Technology Corp 7733 Datasheet HTML 121Page - Renesas Technology Corp 7733 Datasheet HTML 122Page - Renesas Technology Corp 7733 Datasheet HTML 123Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 119 / 940 page
background image
TIMER A
7733 Group User’s Manual
6–8
6.2.5 Port P5 and port P6 direction registers
I/O pins of timers A0 to A3 are multiplexed with port P5, and I/O pins of timer A4 are multiplexed with port
P6. When using these pins as timer Ai’s input pins, set the corresponding bits of the port P5 and port P6
direction registers to “0” in order to set these ports for the input mode. When using these pins as timer
Ai’s output pins, these pins are forcibly set to output pins of timer Ai independent of the direction registers’
contents. Figure 6.2.5 shows the relationship between the port P5 and port P6 direction registers and the
timer Ai’s I/O pins.
6.2 Block description
Fig. 6.2.5 Relationship between port P5 and port P6 direction registers and timer Ai’s I/O pins
Bit
Corresponding pin name
Functions
0
1
2
3
4
5
6
7
Pin P50/TA0OUT
Pin P52/TA1OUT
Pin P53/TA1IN
Pin P54/TA2OUT
Pin P56/TA3OUT
0: Input mode
1: Output mode
When using these pins
as timer Ai’s input pins,
set the corresponding
bits to “0.”
Pin P55/TA2IN
Port P5 direction register (address D16)
b1
b0
b2
b3
b4
b5
b6
b7
Pin P51/TA0IN
Pin P57/TA3IN
At reset
RW
0
0
0
0
0
0
0
0
0
1
2
3
4
5
6
7
Pin P60/TA4OUT
Pin P62/INT0
Pin P63/INT1
Pin P64/INT2
Pin P66/TB1IN
Pin P65/TB0IN
Port P6 direction register (address 1016)
b1
b0
b2
b3
b4
b5
b6
b7
Pin P61/TA4IN
Pin P67/TB2IN/
f SUB
RW
0
0
0
0
0
0
0
0
represents that bits 2 to 7 are not used for timer A.
Corresponding pin name
Functions
Bit
At reset
0: Input mode
1: Output mode
When using these pins
as timer Ai’s input pins,
set the corresponding
bits to “0.”
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com