Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7733 Datasheet(PDF) 174 Page - Renesas Technology Corp

Part # 7733
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  940 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7733 Datasheet(HTML) 174 Page - Renesas Technology Corp

Back Button 7733 Datasheet HTML 170Page - Renesas Technology Corp 7733 Datasheet HTML 171Page - Renesas Technology Corp 7733 Datasheet HTML 172Page - Renesas Technology Corp 7733 Datasheet HTML 173Page - Renesas Technology Corp 7733 Datasheet HTML 174Page - Renesas Technology Corp 7733 Datasheet HTML 175Page - Renesas Technology Corp 7733 Datasheet HTML 176Page - Renesas Technology Corp 7733 Datasheet HTML 177Page - Renesas Technology Corp 7733 Datasheet HTML 178Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 174 / 940 page
background image
TIMER B
7733 Group User’s Manual
7–11
Fig. 7.3.1 Structures of timer Bi mode register and timer Bi register in timer mode
At reset
0
0
Un-
defined
Un-
defined
0
0
RW
Bit
3
Bit name
Functions
b7
b6
b5
b4
b3
b2
b1
b0
Timer Bi mode register (i = 0 to 2) (addresses 5B16 to 5D16)
b1 b0
b4 b3
0
0
X
X
X
0
0
0
7
0 0: Clock f2
0 1: Clock f16
1 0: Clock f64
1 1: Clock f512
b7 b6
6
Count source selection bits
5
This bit is ignored in the timer mode and is undefined at reading.
Clocks f2, f16, f64, and f512: Refer to chapter “14. CLOCK GENERATING CIRCUIT.”
b7
b0 b7
b0
(b15)
(b8)
Timer B0 register (addresses 5116, 5016)
Timer B1 register (addresses 5316, 5216)
Timer B2 register (addresses 5516, 5416)
Functions
Bit
At reset
RW
15 to 0 Values 000016 to FFFF16 can be set.
Assuming that the set value = n, counter
divides the count source frequency by (n + 1).
At reading this register, the counter value is
read out.
Un-
defined
2
These bits are ignored in the timer mode.
1
0
Operating mode selection bits
0 0: Timer mode
4
•Timer B0 mode register
Must be fixed to “0.”
•Timer B1 and B2 mode registers
Not implemented.
RW
RW
RW
RW
RW
—
RO
RW
RW
RW
7.3 Timer mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com