Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7733 Datasheet(PDF) 178 Page - Renesas Technology Corp

Part # 7733
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  940 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7733 Datasheet(HTML) 178 Page - Renesas Technology Corp

Back Button 7733 Datasheet HTML 174Page - Renesas Technology Corp 7733 Datasheet HTML 175Page - Renesas Technology Corp 7733 Datasheet HTML 176Page - Renesas Technology Corp 7733 Datasheet HTML 177Page - Renesas Technology Corp 7733 Datasheet HTML 178Page - Renesas Technology Corp 7733 Datasheet HTML 179Page - Renesas Technology Corp 7733 Datasheet HTML 180Page - Renesas Technology Corp 7733 Datasheet HTML 181Page - Renesas Technology Corp 7733 Datasheet HTML 182Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 178 / 940 page
background image
TIMER B
7733 Group User’s Manual
7–15
7.3.3 Operation in timer mode
Œ When the count start flag is set to “1,” the counter starts counting of the count source.
 When an underflow occurs, the reload register’s contents is reloaded, and then counting is continued.
Ž The timer Bi interrupt request bit is set to “1” when the underflow occurs in .
After this, the interrupt request bit remains set to “1” until the interrupt request is accepted or the
interrupt request bit is cleared to “0” by software.
Figure 7.3.3 shows an operation example in the timer mode.
7.3 Timer mode
Fig. 7.3.3 Operation example in timer mode
Counting is stopped.
Counting is restarted.
FFFF16
n
000016
Time
Count start flag
Timer Bi interrupt
request bit
“1”
“1”
n = Reload register’s contents
Cleared to “0” when an interrupt request is
accepted; otherwise, cleared by software
Set to “1” by software
Counting is started.
Set to “1” by software
“0”
“0”
1 / fi ! (n + 1)
fi = Frequency of count source
( 2, f16, f64, f512)
Cleared to “0” by software
f



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com